Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER204G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HER204G
Description  GLASS HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER204G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HER204G Datasheet HTML 1Page - HY ELECTRONIC CORP. HER204G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
HER201G thru HER208G
~ 104 ~
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 3.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
50
40
30
20
10
0
60
10
2
5
20
50
100
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
1
100
10
1
4
10
100
HER206G - HER208G
HER201G - HER205G
TJ = 25
°C
f = 1 MHz
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
TJ = 25
°C
PULSE WIDTH 300us
HER201G -HER204G
HER205G
HER205G-HER207G
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
10
1.0
0.01
0.1
HER206G
-HER208G


Similar Part No. - HER204G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER204G LUGUANG-HER204G Datasheet
1Mb / 2P
   2.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Jinan Gude Electronic D...
HER204G JGD-HER204G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER204G CHONGQING-HER204G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Goodwork Semiconductor ...
HER204G GWSEMI-HER204G Datasheet
70Kb / 2P
   2.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Gaomi Xinghe Electronic...
HER204G GXELECTRONICS-HER204G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
More results

Similar Description - HER204G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER801FT HY-HER801FT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601CT HY-HER1601CT Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
HER201G TAYCHIPST-HER201G Datasheet
2Mb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
HY ELECTRONIC CORP.
HER101G HY-HER101G Datasheet
35Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER801T HY-HER801T Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER301G HY-HER301G Datasheet
40Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER3001 HY-HER3001 Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
HER1601F HY-HER1601F Datasheet
39Kb / 2P
   GLASS HIGH EFFICIENCY RECTIFIERS
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
   Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com