Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K24C020-WERG-A Datasheet(PDF) 10 Page - Estek Electronics Co. Ltd

Part # K24C020-WERG-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C020-WERG-A Datasheet(HTML) 10 Page - Estek Electronics Co. Ltd

Back Button K24C020-WERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 11Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 12Page - Estek Electronics Co. Ltd K24C020-WERG-A Datasheet HTML 13Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
O M
AC Electrical Characteristics
¡Applicable over recommended operating range from TA = -40
。C to +85。C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Note
Parameter
Clock Frequency, SCL
Clock Pulse Width Low
Clock Pulse Width High
Start Hold Time
Clock Low to Data Out Valid
Noise Suppression Time
Time the bus must be free before
a new transmission can start
Start Setup Time
Data In Hold Time
Data In Setup Time
Data Out Hold Time
Write Cycle Time
Inputs Fall Time(1)
Inputs Rise Time(1)
Stop Setup Time
fSCL
tLOW
tHIGH
tHD.STA
tAA
tI
tBUF
tSU.STA
tHD.DAT
tSU.DAT
tDH
tWR
5.0V, 25C, Byte Mode
-
1.2
0.6
0.6
0.05
-
1.2
0.6
0
100
50
-
-
-
0.6
1M
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
400
-
-
-
0.9
50
-
-
-
-
-
5
300
0.3
-
-
-
0.6
0.4
0.25
0.05
-
0.5
0.25
0
100
50
-
-
-
0.25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1000
-
-
-
0.55
40
-
-
-
-
-
5
100
0.3
-
-
kHz
ns
ns
ms
ns
Write Cycles
Endurance
tF
tR
tSU.STO
Max.
Units
Min.
Symbol
Typ.
1.8-volt
Max.
Min.
Typ.
5.0-volt
s
s
s
s
s
s
s
s
s
s
1. This parameter is characterized and is not 100% tested.
2. AC measurement conditions:
RL (
connects to VCC): 1.3 k (2.5V, 5V), 10 k (1.8V)
Input pulse voltages: 0.3 VCC to 0.7 VCC
Input rise and fall time: 50 ns
Input and output timing reference voltages: 0.5 VCC
The value of RL should be concerned according to the actual loading
on the user's system.
10
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16


Similar Part No. - K24C020-WERG-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C02 ETC1-K24C02 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
K24C02C ETC-K24C02C Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
V1.3
More results

Similar Description - K24C020-WERG-A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com