Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K24C160-DCT-A Datasheet(PDF) 7 Page - Estek Electronics Co. Ltd

Part # K24C160-DCT-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C160-DCT-A Datasheet(HTML) 7 Page - Estek Electronics Co. Ltd

Back Button K24C160-DCT-A Datasheet HTML 3Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C160-DCT-A Datasheet HTML 11Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
O M
Read Operations
RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the
device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller
must generate another start condition. The microcontroller now initiates a current address read by sending a device
address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the
data word. The microcontroller does not respond with a "0" but does generate a following stop condition (see Figure 8
on page 8).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After
the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an
acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When
the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The
sequential read operation is terminated when the microcontroller does not respond with a "0" but does generate a
following stop condition (see Figure 9 on page 8).
¡Figure 4: Device Address
¡Figure 5: Byte Write
¡Figure 6: Page Write
SDA LINE
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
M
S
B
L
S
B
A
C
K
DATA
A
C
K
S
T
O
P
WORD
ADDRESS
W
R
I
T
E
SDA LINE
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
M
S
B
L
S
B
A
C
K
DATA( n )
A
C
K
WORD
ADDRESS(n)
A
C
K
DATA( n+1 )
A
C
K
S
T
O
P
DATA( n+x )
W
R
I
T
E
2K
1
0
1
0
A2
A1
A0
R/W
MSB
LSB
4K
1
0
1
0
A2
A1
P0
R/W
8K
1
0
1
0
A2
P1
P0
R/W
16K
1
0
1
0
P2
P1
P0
R/W
7
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16


Similar Part No. - K24C160-DCT-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C16 ETC1-K24C16 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
K24C16B ETC-K24C16B Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
V1.3
More results

Similar Description - K24C160-DCT-A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com