Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # HS3G
Description  SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS3G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  HS3G Datasheet HTML 1Page - HY ELECTRONIC CORP. HS3G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
HS3A thru HS3M
~ 114 ~
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 2
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
1
2
5
FIG.3
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (VOLTS)
1000
100
1
10
100
10
0.1
1.0
TJ = 25
°C f = 1 MHz
HS3A -HS3G
HS3J - HS3M
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ = 25
°C
PULSE WIDTH 300us
HS3J - HS3M
HS3A - HS3D
HS
3G
1.0
10
0.1
100
0
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8


Similar Part No. - HS3G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3G TSC-HS3G Datasheet
47Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3G TSC-HS3G Datasheet
238Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS3G GOOD-ARK-HS3G Datasheet
193Kb / 2P
   High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Taiwan Semiconductor Co...
HS3G TSC-HS3G Datasheet
434Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS3G YANGJIE-HS3G Datasheet
144Kb / 2P
   High Efficient Rectifier
More results

Similar Description - HS3G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS2A HY-HS2A Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS2AA HY-HS2AA Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS1A HY-HS1A Datasheet
35Kb / 2P
   SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
HS3AB HY-HS3AB Datasheet
41Kb / 2P
   SURFACE MOUNT GLASS HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HFMAF290 LRC-HFMAF290_15 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers
HFMAF109 LRC-HFMAF109_15 Datasheet
241Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers
HFMBF208 LRC-HFMBF208_15 Datasheet
217Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers
SODHE108-SH LRC-SODHE108-SH_15 Datasheet
315Kb / 11P
   Surface Mount Glass Passivated High Efficiency Rectifiers
HFM107 LRC-HFM107_15 Datasheet
179Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifiers
HFM108 LRC-HFM108_15 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com