Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM393
Description  two independent voltage comparators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM393 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM393 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM393 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM393 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM393 Datasheet HTML 4Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM393
Electrical Characteristics
at specified free-air temperature, Vcc = 5 V (unless otherwise noted)
Symbol
Parameter
Test conditions*
VIO
Input offset voltage
Vcc = 5 V to 30V,
LM393
Min
Typ
Max
25 °
С
2
5
Units
mV
VIC = VICR min,
Vo=1.4 V
lIO
Input offset current
Vo=1.4 V
IIB
Input bias current
Vo=1.4 V
VICR
Common-mode input voltage range**
Full range
9
25 °
С
5
50
Full range
150
25 °
С
-25
-250
Full range
-400
25°
С
0 to Vcc-1.5
Full range
0 to Vcc - 2
nA
nA
V
AVD
Large-signal differential voltage
amplification
Vcc = 15 V,
Vo=1.4V to 11.4 V,
RL ≥ 15 kΩ
to
Vcc
25 °
С
50
200
V/mV
lOH
High-level output current
VOH=5 V, VID=1V,
25 °
С
0.1
50
nA
VOH= 30V, VID=1V
Full range
1
µA
VOL
Low-level output voltage
IOL = 4 mA, VID=-1V
25 °
С
150
400
Full range
700
mV
lOL
Low-level output current
VOL= 1.5V, VID=-1V
25 °
С
6
mA
ICC
Supply current
RL = ∞
VCC = 5V
25 °
С
0.8
1
VCC = 30V
Full range
2.5
mA
* Full range (MIN to MAX), for the LM393
is
О °С to 70 °С . All characteristics are measured with zero common-mode input voltage
unless otherwise specified.
** The voltage at either input or common-mode should not be allowed to go negative by more than 0.3V. The upper end of the common -
mode voltage range is VCC -1.5V, but either or both inputs can go to 30V without damage.
Switching Charactristics
Vcc=5V, Т A=25 °C
Parameter
Test conditions
Min
Typ
Max
Units
Response time
RL connected to 5V
through 5.1 k
Ω,
100-mV input step with 5-mV overdrive
1.3
µs
CL=15pF* (See Note 1)
TTL-level input step
0.3
*
CL includes probe and jig capacitance.
Note 1: The response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
BEIJING ESTEK ELECTRONICS CO.,LTD
2


Similar Part No. - LM393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
STMicroelectronics
LM393 STMICROELECTRONICS-LM393 Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
logo
TAITRON Components Inco...
LM393 TAITRON-LM393 Datasheet
303Kb / 11P
   Voltage Comparator
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
NXP Semiconductors
LM393 PHILIPS-LM393 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results

Similar Description - LM393

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
   consists of four independent voltage comparators
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
   Two fully independent diodes
Revision: 31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
   Two fully independent diodes
Revision: 31-May-16
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
Zilog, Inc.
Z86C02 ZILOG-Z86C02 Datasheet
1Mb / 37P
   Two On-Board Comparators
logo
Exar Corporation
XR88C681J-F EXAR-XR88C681J-F Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
logo
Advanced Power Electron...
AP6903GH-HF A-POWER-AP6903GH-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Two Independent Device
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
   The LM2904 consists of two independent
logo
Maxim Integrated Produc...
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
   Two Independent Circuits on One Board
Rev 0; 8/20
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
   Two Independent Circuits on One Board
Rev 0; 11/17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com