Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC1005TP-1N5K Datasheet(PDF) 2 Page - ABCO ELECTRONICS CO.LTD

Part # LMC1005TP-1N5K
Description  CERAMIC CHIP INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LMC1005TP-1N5K Datasheet(HTML) 2 Page - ABCO ELECTRONICS CO.LTD

  LMC1005TP-1N5K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD LMC1005TP-1N5K Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD LMC1005TP-1N5K Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD LMC1005TP-1N5K Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
33
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
ITEM PART NUMBERS
LMC 2012
●Q vs F Characteristic
●L vs F Characteristic
LMC 2012TP- 3N3 J
LMC 2012TP- 6N8 G,J
LMC 2012TP- 8N2 J
LMC 2012TP- 120 G,J
LMC 2012TP- 150 G,J
Odering code1
Inductance2
(nH)
Tolerance3
(%)
Q4
(min.)
SRF Min5
(MHZ)
Rdc Max6
(
)
Idc Max7
(mA)
3.3 @ 250MHz
6.8 @ 250MHz
8.2 @ 250MHz
12 @ 250MHz
15 @ 250MHz
± 5
± 2, 5
± 5
± 2, 5
± 2, 5
50 @ 1500MHz
50 @ 1000MHz
50 @ 1000MHz
50 @ 500MHz
50 @ 500MHz
7900
5500
4700
4000
3400
0.08
0.11
0.12
0.15
0.17
600
600
600
600
600
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
50 @ 500MHz
55 @ 500MHz
55 @ 500MHz
55 @ 500MHz
60 @ 500MHz
3300
2600
2550
2500
2050
0.20
0.22
0.23
0.25
0.27
600
500
500
500
500
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
60 @ 500MHz
60 @ 500MHz
60 @ 500MHz
60 @ 500MHz
65 @ 500MHz
2000
1650
1550
1450
1300
0.29
0.31
0.34
0.38
0.42
500
500
500
500
400
± 2, 5
± 2, 5
± 2, 5
± 2, 5
± 2, 5
65 @ 500MHz
65 @ 500MHz
50 @ 250MHz
50 @ 250MHz
50 @ 250MHz
1250
1200
1100
920
870
0.44
0.46
0.51
0.56
0.64
400
400
400
400
400
± 5
± 5
± 5
± 2, 5
± 2, 5
50 @ 250MHz
48 @ 250MHz
48 @ 250MHz
48 @ 250MHz
33 @ 100MHz
850
650
600
560
375
0.70
1.00
1.40
1.50
1.90
400
350
310
290
230
± 2, 5
± 2, 5
± 2, 5
23 @
50MHz
23 @
50MHz
23 @
50MHz
340
250
215
2.35
3.51
4.20
180
120
80
18 @ 250MHz
22 @ 250MHz
24 @ 250MHz
27 @ 250MHz
33 @ 250MHz
39 @ 250MHz
47 @ 250MHz
56 @ 250MHz
68 @ 250MHz
82 @ 150MHz
91 @ 150MHz
100 @ 150MHz
120 @ 150MHz
150 @ 100MHz
180 @ 100MHz
220 @ 100MHz
270 @ 100MHz
330 @ 100MHz
390 @ 100MHz
470 @
50MHz
560 @
25MHz
680 @
25MHz
820 @
25MHz
LMC 2012TP- 180 G,J
LMC 2012TP- 220 G,J
LMC 2012TP- 240 G,J
LMC 2012TP- 270 G,J
LMC 2012TP- 330 G,J
LMC 2012TP- 390 G,J
LMC 2012TP- 470 G,J
LMC 2012TP- 560 G,J
LMC 2012TP- 680 G,J
LMC 2012TP- 820 G,J
LMC 2012TP- 910 G,J
LMC 2012TP- 101 G,J
LMC 2012TP- 121 G,J
LMC 2012TP- 151 G,J
LMC 2012TP- 181 G,J
LMC 2012TP- 221 J
LMC 2012TP- 271 J
LMC 2012TP- 331 J
LMC 2012TP- 391 G,J
LMC 2012TP- 471 G,J
LMC 2012TP- 561 G,J
LMC 2012TP- 681 G,J
LMC 2012TP- 821 G,J
1. How to order
LM
C
2012
TP
3N3
J
(1)
(2)
(3)
(4)
(5)
(6)
(1) Part name
(2) Material
(3) Body size
(4) TP: Taping
(5) Inductance Value
Ex: 3N3(3.3nH), 560(56nH), 391(390nH)
(6) Inductance Tol.
2. Inductance measured: RF LCR METER(HP4286A) + 16193A fixture
3. G=
± 2%, J= ± 5%, K= ± 10%
4. Q measured: RF LCR METER(HP4286A) + 16193A fixture
5. SRF measured: NETWORK ANALYZER(HP8753D) + ABCO SMD-D test fixture
6. Rdc measured: RF LCR METER(HP4286A) + 16193A fixture
7. For 15
˚C Rise
100
1000
100
10
1
10
100
1000
0.1
Frequency(MHz)
Frequency(MHz)
90
80
70
60
50
40
30
20
10
10
100
1000
10000
0
221
101
390
150
3.3
120
060
030
220
390
680
121
271
ELECTRICAL CHARACTERISTICS


Similar Part No. - LMC1005TP-1N5K

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
LMC1000A BLACKBOX-LMC1000A Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1001A BLACKBOX-LMC1001A Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1002A BLACKBOX-LMC1002A Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1003A-R3 BLACKBOX-LMC1003A-R3 Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
LMC1004A-R3 BLACKBOX-LMC1004A-R3 Datasheet
634Kb / 6P
   FlexPoint Modular Media Converters
05/14/2010
More results

Similar Description - LMC1005TP-1N5K

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com