Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70G-OAC5RLY Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 70G-OAC5RLY
Description  Dry Contact and Mechanical Relay Output Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70G-OAC5RLY Datasheet(HTML) 1 Page - Grayhill, Inc

  70G-OAC5RLY Datasheet HTML 1Page - Grayhill, Inc 70G-OAC5RLY Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Dry Contact and Mechanical Relay Output Modules
70L-ODC5R 70G-ODCR/OACRLY 70-ODCR/OACRLY 70M-ODCR
Package Style
Std (70-)
Mini (70M-)
G5 (70G-)
OpenLine® (70L-)
Specifications
Units
Isolation Voltage1
Vrms
1500
1500
1500
1500
Vibration2
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-6
Mechanical Shock3
MIL-STD-202
MIL-STD-202
MIL-STD-202
IEC68-2-7
Storage Temp. Range
°C
-40 to 70
-40 to 70
-40 to 70
-40 to 70
Operating Temp. Range
°C
-40 to 70
-40 to 70
-40 to 70
-40 to 70
1 Field to logic and channel-to-channel if Grayhill racks are used.
2 MIL-STD-202, Method 204, 20 G, 10-2000 Hz or IEC68-2-6, 0.15 mm/sec2, 10-150 Hz.
3 MIL-STD-202, Method 213, Condition F, 1500 G or IEC68-2-27, 11 mS, 15g.
SPECIFICATIONS BY PACKAGE STYLE
CIRCUITRY
Standard, Mini, G5
OpenLine®
VAC/VDC
+VCC
INPUT
GROUND
1
2
3
4
5
AMP
LOAD
LOAD
Fuse and status LED in G5 modules only.
AMP
AMP
1
2
3
4
5
6
8
7
9
FEATURES
• SPST, Normally Open
• UL, CSA Certified
• 1500 Vac Optical Isolation
• G5 and OpenLine® Modules Provide
Replaceable 5x20mm Glass Fuse
• Built-in Status LED
• Lifetime Warranty
• Switch AC or DC with the Same
Module
• Very Low Off-State Leakage Current
for AC loads
• No Off-State Leakage Current for
DC loads
I/O
10


Similar Part No. - 70G-OAC5RLY

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70G-OAC5RLY GRAYHILL-70G-OAC5RLY Datasheet
350Kb / 2P
   G5 and OpenLine짰 Modules Provide Replaceable 5x20mm Glass Fuse
More results

Similar Description - 70G-OAC5RLY

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
X4ODC5R5 CRYDOM-X4ODC5R5 Datasheet
150Kb / 2P
   Dry Contact DC Output Modules
logo
Red Lion Controls. Inc
DRY_CONTACT REDLION-DRY_CONTACT Datasheet
325Kb / 1P
   Dry Contact Relay Module
logo
celduc-relais
R029 CELDUC-R029 Datasheet
191Kb / 2P
   REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
   REED RELAY / DRY CONTACT
R053 CELDUC-R053 Datasheet
108Kb / 2P
   REED RELAY / DRY CONTACT
R055.B00 CELDUC-R055.B00 Datasheet
104Kb / 2P
   REED RELAY / DRY CONTACT
R054 CELDUC-R054 Datasheet
352Kb / 2P
   REED RELAY / DRY CONTACT
F51A CELDUC-F51A Datasheet
128Kb / 2P
   REED RELAY / DRY CONTACT
R011 CELDUC-R011 Datasheet
141Kb / 2P
   REED RELAY / DRY CONTACT
R055.B02 CELDUC-R055.B02 Datasheet
91Kb / 2P
   REED RELAY / DRY CONTACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com