Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70GRCK8-HL Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 70GRCK8-HL
Description  RACKS 8 Channel
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70GRCK8-HL Datasheet(HTML) 2 Page - Grayhill, Inc

  70GRCK8-HL Datasheet HTML 1Page - Grayhill, Inc 70GRCK8-HL Datasheet HTML 2Page - Grayhill, Inc 70GRCK8-HL Datasheet HTML 3Page - Grayhill, Inc 70GRCK8-HL Datasheet HTML 4Page - Grayhill, Inc 70GRCK8-HL Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
System 50
8 CHANNEL RACK: DIN Rail Mount
Part No. 70LRCK8-DIN
Dimensions are shown in inches
(and millimeters).
All tolerances are ± 0.010 (0,25)
unless otherwise specified.
System 50
7
3.8
(95.81)
REF
2.2
(56.49)
DIN CARRIER
4.7 (119.13)
PCB
4.3 (108.46)
DIN CARRIER 3.7 (92.96)
PCB 3.5 (89.15)
REMOVABLE JUMPER
CONNNECTS GND
TO PLATED HOLE
FOR GROUNDING
FIELD WIRING
TERMINAL STRIP
PIN 1
3.15A FUSE
50-PIN
STRAIGHT
HEADER
CONNECTOR
LOGIC SUPPLY TERMINAL STRIP
TOP ROW: + LOGIC SUPPLY
BOTTOM ROW: GND
B
A
M3
M2
M1
M0
16
15
14
13
12
11
10
9
8
7
6
5
24
3
1
+5
+5
NOTE: MAXIMUM
TERMINAL SCREW
TORQUE NOT TO
EXCEED 5 IN-LBS.


Similar Part No. - 70GRCK8-HL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70GRCK16-HL GRAYHILL-70GRCK16-HL Datasheet
784Kb / 7P
   For use with System 50 Style Controllers
70GRCK16I GRAYHILL-70GRCK16I Datasheet
784Kb / 7P
   For use with System 50 Style Controllers
70GRCK16I-DIN GRAYHILL-70GRCK16I-DIN Datasheet
784Kb / 7P
   For use with System 50 Style Controllers
70GRCK16T GRAYHILL-70GRCK16T Datasheet
784Kb / 7P
   For use with System 50 Style Controllers
70GRCK4 GRAYHILL-70GRCK4 Datasheet
387Kb / 2P
   RACKS 4 Channel
More results

Similar Description - 70GRCK8-HL

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70MRCQ24-EC GRAYHILL-70MRCQ24-EC Datasheet
610Kb / 3P
   RACKS 24 Channel
70RCK4 GRAYHILL-70RCK4 Datasheet
387Kb / 2P
   RACKS 4 Channel
70GRCM32-HL GRAYHILL-70GRCM32-HL Datasheet
540Kb / 2P
   RACKS 32 Channel
logo
Kendall Howard
1916-2-100-2 KENDALLHOWARD-1916-2-100-2 Datasheet
893Kb / 2P
   V-RACKS
logo
Grayhill, Inc
70RCK24 GRAYHILL-70RCK24 Datasheet
858Kb / 4P
   RACKS 24 Channel (In-Line)
logo
Kendall Howard
1916-2-100-4 KENDALLHOWARD-1916-2-100-4 Datasheet
893Kb / 2P
   V-RACKS
logo
Grayhill, Inc
70GRCP32-HL GRAYHILL-70GRCP32-HL Datasheet
693Kb / 2P
   RACKS 32 Channel Parallel Controller Board for 72-PMX-32D
logo
Kendall Howard
1911-3-200-45 KENDALLHOWARD-1911-3-200-45 Datasheet
1Mb / 2P
   2-POST RELAY RACKS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com