Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73L-II420 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 73L-II420
Description  Analog Current Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73L-II420 Datasheet(HTML) 2 Page - Grayhill, Inc

  73L-II420 Datasheet HTML 1Page - Grayhill, Inc 73L-II420 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Type/Function
Grayhill Part Number
G5, OpenLine®
73G-II020
73G-II420
73G-II5000
73L-II020
73L-II420
73L-II222
Specifications
Units
Number of Inputs
1 Ch., Diff.
1 Ch., Diff.
1 Ch., Diff.
2 Ch., S.E.
2 Ch., S.E.
2 Ch., S.E.
Resolution
bits
12
12
12
12
12
12
µA/Count
4.88
3.91
1221
4.88
3.91
4.88
Absolute Accuracy @ 25°C1, 2
% of full
+/- 0.2
+/- 0.2
+/- 0.3
0.075
0.075
0.075
scale
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 50
+/- 50
+/- 150
+/- 25
+/- 25
+/- 25
Maximum Gain (0 to 60°C)
PPM/°C
+/- 55
+/- 55
+/- 150
+/- 75
+/- 75
+/- 75
Serial Data Format
12-bit
12-bit
12-bit
Right Justified,
Right Justified,
Right Justified,
packet
packet
packet
16-bit
16-bit
16-bit
Serial Data Packet
115.2Kb, N, 8, 2
115.2Kb, N, 8,2
115.2Kb, N, 8,2
Step Response Time3
mS
2.5
2.5
2.5
1.5
1.5
1.5
Input Resistance (Rx)
ohms
133 +/- 1%
133 +/- 1%
.020 +/-.02%
133/- 1%
133 +/- 1%
133 +/- 1%
Input Current Range
mA or A
0-20mA
4-20mA
0-5A TRMS
0-20mA
4-20mA
2-22mA
Maximum Overload
V
——
66
6
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
4.5-5.5
4.75-5.25
4.75-5.25
4.75-5.25
Maximum Logic
mA/Ch.
150
120
160
38
38
38
Supply Current@5Vdc
Module ID (Pin 9)
K
N/A
N/A
N/A
5.23
5.23
5.23
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
2500
2500
2500
Channel A to Channel B
None
None
None
Environmental Conditions
Operating Temperature3
°C
0 to 60
0 to 60
0 to 60
-40 to 85
-40 to 85
-40 to 85
Storage Temperature
°C
-25 to 85
-25 to 85
-25 to 85
-55 to 100
-55 to 100
-55 to 100
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Accuracy and drift graphs are available in Bulletin #753.
3 Time required for output to change to within 1% of final value.
SPECIFICATIONS: By Part Number
Analog Current Input Modules
Available from your local Grayhill Distributor.
For prices and discounts, contact a local
Distributor, a local Sales Office or Grayhill.
I/O
31


Similar Part No. - 73L-II420

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73L-II420 GRAYHILL-73L-II420 Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

Similar Description - 73L-II420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Opto Electronics Co,. L...
SNAP-AIV E-OEC-SNAP-AIV Datasheet
1Mb / 46P
   SNAP Analog Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
National Instruments Co...
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9710 AVAGO-HEDS-9710 Datasheet
271Kb / 8P
   Small Optical Encoder Modules 360 Ipi Analog Current Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com