Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73L-ITCT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 73L-ITCT
Description  Thermocouple Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73L-ITCT Datasheet(HTML) 1 Page - Grayhill, Inc

  73L-ITCT Datasheet HTML 1Page - Grayhill, Inc 73L-ITCT Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
FEATURES
• Wide Variety of Input Types
• Standard Package and Pin-out
• Single 5V Power Supply
• 12-Bit Resolution
• Optical Isolation from Input to
Output
• Cold Junction Temperature
Compensated Connector Included
• Intermix With G5 Digital Modules
on the Same Rack
• Meets the Requirements of IEEE
472
• UL, CSA, CE Certified (OpenLine only)
CIRCUITRY
Thermocouple Wire Colors
Type
+
J
White
Red
K
Yellow
Red
T
Blue
Red
R
Black
Red
+5V
1
2
3
4
5
GROUND
AMP
V/F
DC/DC
CONVERTER
VS
VS-
THERMO-
COUPLE
VS
T
T
N/C
N/C
COLD
REFERENCE
SQUARE-
WAVE
OUTPUT
10K
+
+
OMEGA
CONNECTOR
TYPE SMP
INCLUDED
MODULE
Thermocouple Input Modules
G5
G5: Connector
Wiring
OpenLine®
Thermocouple Wire Colors
Type
+
J
White
Red
K
Yellow
Red
T
Blue
Red
R
Black
Red
+
+
OMEGA
CONNECTOR
TYPE SMP
INCLUDED
MODULE
OpenLine®:
Connector Wiring
SIGNAL
CONDITIONING
COLD
JUNCTION
TEMP.
COMP.
SIGNAL
CONDITIONING
COLD
JUNCTION
TEMP.
COMP.
A/P
µP
OPTICAL
ISOLATION
ISOLATED
DC/DC
CONVERTER
CH. A
+
CH. B
+
Vs
Vs
10K
5.23K
I/O MODULE
PIN #
TERMINAL
BLOCK #
NC
NC
NC
NC
9
8
7
6
5
1
2
3
4
4
3
2
1
MODULE ID
RXD
TXD
Vcc
GND
73L-IT
73G-IT
I/O
32


Similar Part No. - 73L-ITCT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73L-ITCT GRAYHILL-73L-ITCT Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

Similar Description - 73L-ITCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
DI-8B47 ETC1-DI-8B47 Datasheet
321Kb / 2P
   Linearized Thermocouple Input Modules
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
   Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37 Datasheet
699Kb / 8P
   Isolated Thermocouple Input
REV. 0
3B37 AD-3B37_15 Datasheet
342Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B27 AD-7B27_15 Datasheet
539Kb / 8P
   Isolated Thermocouple Input
REV. 0
7B37 AD-7B37_15 Datasheet
538Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B37 AD-7B37 Datasheet
532Kb / 8P
   Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37_15 Datasheet
700Kb / 8P
   Isolated Thermocouple Input
REV. 0
7B27 AD-7B27 Datasheet
538Kb / 8P
   Isolated Thermocouple Input
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com