Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73G-IV5B Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 73G-IV5B
Description  Analog Voltage Input Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73G-IV5B Datasheet(HTML) 3 Page - Grayhill, Inc

  73G-IV5B Datasheet HTML 1Page - Grayhill, Inc 73G-IV5B Datasheet HTML 2Page - Grayhill, Inc 73G-IV5B Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Available from your local Grayhill Distributor.
For prices and discounts, contact a local
Distributor, a local Sales Office or Grayhill.
Type/Function
Grayhill Part Number
G5
73G-IVAC120
73G-IVAC240
Specifications
Units
Number of Inputs
1 Ch., Diff.
1 Ch., Diff.
Resolution
bits
12
12
mV/Count
27.34
65.52
Absolute Accuracy @ 25°C1
% of full scale
+/- 0.3%
+/- 0.3%
Accuracy Drift w/Temp.
Maximum Offset
PPM/°C
+/- 150
+/- 150
Maximum Gain (0 to 60°C)
PPM/°C
+/- 150
+/- 150
Serial Data Format
12-bit packet
12-bit packet
Step Response Time2
mS
2.5
2.5
Input Resistance
Mohm
1
1
Input Voltage Range
Vac
28 to 140
28 to 280
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
Maximum Logic Supply Current
@ 5V dc
mA/Ch.
150
150
Isolation Voltage
Field to Logic
Vrms
2500
2500
Field to Power
Vrms
2500
2500
Module to Module
Vrms
2500
2500
Environmental Conditions
Operating Temperature3
° C
0 to 60
0 to 60
Storage Temperature
° C
-25 to 85
-25 to 85
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Time required for output frequency to change to within 1% of final reading.
Analog Voltage Input Modules
SPECIFICATIONS: By Part Number
I/O
29


Similar Part No. - 73G-IV5B

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73G-IV5B GRAYHILL-73G-IV5B Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

Similar Description - 73G-IV5B

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AIV E-OEC-SNAP-AIV Datasheet
1Mb / 46P
   SNAP Analog Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
logo
PHOENIX CONTACT
2750950 PHOENIX-2750950 Datasheet
66Kb / 4P
   INTERBUS ST analog input modules for temperature and resistance measurement
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com