Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73G-IV50M Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 73G-IV50M
Description  Analog Voltage Input Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

73G-IV50M Datasheet(HTML) 1 Page - Grayhill, Inc

  73G-IV50M Datasheet HTML 1Page - Grayhill, Inc 73G-IV50M Datasheet HTML 2Page - Grayhill, Inc 73G-IV50M Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
73L-IV
73G-IV
OPTICAL
ISOLATION
ISOLATED
DC/DC
CONVERTER
5.23K
10K
CHANNEL A
CHANNEL B
Vs
Vs
µP
CH. A
A/D
CH. B
SIGNAL
CONDITIONING
AND
FILTER
SIGNAL
CONDITIONING
AND
FILTER
I/O MODULE
PIN #
TERMINAL
BLOCK #
+
+
INPUT
DEVICE
INPUT
DEVICE
TWISTED
PAIR
TWISTED
PAIR
1
2
3
4
4
3
2
1
5
6
7
8
9 MODULE ID
RXD
TXD
Vcc
GND
+5V
3
4
5
GROUND
AMP
V/F
DC/DC
CONVERTER
VS
VS-
VS
FILTER &
BUFFER
SQUARE-
WAVE
OUTPUT
RX
+
1
2
10K
˜
CURRENT
SOURCE
CIRCUITRY: Voltage Output
Analog Voltage Input Modules
FEATURES
• Wide Variety of Input Ranges
• Standard Package and Pin-out
• Single 5V Power Supply
• 12-Bit Resolution
• Optical Isolation from Input to Output
• Intermix With Digital Modules on the
Same Rack
• Meets the Requirements of IEEE 472
• UL, CSA, CE Certified (OpenLine only)
G5
OpenLine®
Type/Function
Grayhill Part Number
G5, OpenLine®
73G-IV1
73G-IV5
73G-IV10
73L-IV1
73L-IV5
73L-IV10
Specifications
Units
Number of Inputs
1 Ch., Diff.
1 Ch., Diff.
1 Ch., Diff.
2 Ch., S.E.
2 Ch., S.E.
2 Ch., S.E.
Resolution
bits
12
12
12
12
12
12
µV/count
244.1
1221
2441
244.1
1221
2441
Absolute Accuracy@25°C1, 2 % of full scale
+/- 0.1
+/- 0.1
+/- 0.1
0.075
0.075
0.075
Accuracy Drift w/Temp.2
Maximum Offset
PPM/°C
+/- 50
+/- 50
+/- 50
+/- 35
+/- 25
+/- 25
Maximum Gain (0-60°C)
PPM/°C
+/- 55
+/- 55
+/- 55
+/- 75
+/- 75
+/- 75
Serial Data Format
12-bit packet
12-bit packet
12-bit packet
Right Justified,
Right Justified,
Right Justified,
16-bit
16-bit
16-bit
Serial Data Packet
N/A
N/A
N/A
115.2Kb,N,8,2
115.2Kb,N,8,2
115.2Kb,N,8,2
Step Response Time4
mS
2.5
2.5
2.5
1.5
1.5
1.5
Input Resistance (Rx)
Mohm
1
1
1
2.2
2.2
2.2
Input Voltage Range
Vdc
0-1
0-5
0-10
0-1
0-5
0-10
Maximum Overload
V
+/- 30
+/- 30
+/- 30
Logic Voltage Range
Vdc
4.5-5.5
4.5-5.5
4.5-5.5
4.75-5.25
4.75-5.25
4.75-5.25
Maximum Logic Supply
Current @ 5Vdc
mA/Ch.
150
150
150
38
38
38
Module ID (Pin 9)
K
N/A
N/A
N/A
5.23
5.23
5.23
Isolation Voltage
Field to Logic
Vrms
2500
2500
2500
2500
2500
2500
Field to Power
Vrms
2500
2500
2500
2500
2500
2500
Module to Module
Vrms
2500
2500
2500
2500
2500
2500
Channel A to Channel B
None
None
None
Environmental Conditions
Operating Temperature3
° C
0 to 60
0 to 60
0 to 60
-40 to 85
-40 to 85
-40 to 85
Storage Temperature
° C
-25 to 85
-25 to 85
-25 to 85
-55 to 100
-55 to 100
-55 to 100
1 Includes offset, gain, non-linearity and repeatability error terms.
2 Accuracy and drift graphs are available in Bulletin #753.
3 Start up temperature greater than -25°C.
SPECIFICATIONS: By Part Number
I/O
27


Similar Part No. - 73G-IV50M

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73G-IV50M GRAYHILL-73G-IV50M Datasheet
116Kb / 2P
   Contact Closure DC Input Modules
More results

Similar Description - 73G-IV50M

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AIV E-OEC-SNAP-AIV Datasheet
1Mb / 46P
   SNAP Analog Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
   Analog Voltage and Current Output Modules
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
logo
PHOENIX CONTACT
2750950 PHOENIX-2750950 Datasheet
66Kb / 4P
   INTERBUS ST analog input modules for temperature and resistance measurement
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com