Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-HB435A Datasheet(PDF) 4 Page - A-BRIGHT Inc

Part # AL-HB435A
Description  0805 Package Super Blue SMD Chip LED Lamps (1.0mm Height)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HB435A Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AL-HB435A Datasheet HTML 1Page - A-BRIGHT Inc AL-HB435A Datasheet HTML 2Page - A-BRIGHT Inc AL-HB435A Datasheet HTML 3Page - A-BRIGHT Inc AL-HB435A Datasheet HTML 4Page - A-BRIGHT Inc AL-HB435A Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2006/10/11
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: AL-HB435A
Typical Optical-Electrical Characteristic Curves


Similar Part No. - AL-HB435A

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HB435A A-BRIGHT-AL-HB435A_09 Datasheet
207Kb / 5P
   0805 Package Blue SMD Chip LED Lamps
More results

Similar Description - AL-HB435A

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HG435A A-BRIGHT-AL-HG435A Datasheet
344Kb / 5P
   0805 Package Bluish Green SMD Chip LED Lamps (1.0mm Height)
2006/10/11
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0805 Package Chip LED (1.0mm Height)
17-21-G6C-AP1Q1B-3T TO-GRACE-17-21-G6C-AP1Q1B-3T Datasheet
715Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T TO-GRACE-17-21-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0805 Package Chip LED(1.0mm Height)
logo
Everlight Electronics C...
17-21-Y2C-CP2Q2B-3T EVERLIGHT-17-21-Y2C-CP2Q2B-3T Datasheet
155Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-GHC-XS1T2M-3T EVERLIGHT-17-21-GHC-XS1T2M-3T_11 Datasheet
232Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-GPC-AK0M1B-3T EVERLIGHT-17-21-GPC-AK0M1B-3T Datasheet
164Kb / 10P
   0805 Package Chip LED (1.0mm Height)
logo
A-BRIGHT Inc
AL-HKB35A A-BRIGHT-AL-HKB35A Datasheet
344Kb / 5P
   Super Yellow SMD Chip LED Lamps (1.0mm Height)
2006/10/11
logo
Everlight Electronics C...
17-21-S2C-AN1P2B-3T EVERLIGHT-17-21-S2C-AN1P2B-3T_11 Datasheet
219Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T EVERLIGHT-17-21-T1D-ANPHY-3T_11 Datasheet
281Kb / 12P
   0805 Package Chip LED(1.0mm Height)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com