Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFK2162-P1-000T Datasheet(PDF) 2 Page - Mimix Broadband

Part # CFK2162-P1-000T
Description  0.8-1.0 GHz 34 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2162-P1-000T Datasheet(HTML) 2 Page - Mimix Broadband

  CFK2162-P1-000T Datasheet HTML 1Page - Mimix Broadband CFK2162-P1-000T Datasheet HTML 2Page - Mimix Broadband CFK2162-P1-000T Datasheet HTML 3Page - Mimix Broadband CFK2162-P1-000T Datasheet HTML 4Page - Mimix Broadband CFK2162-P1-000T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
CFK2162-P1
RF Match Data shown in the performance graphs was taken
in the test circuits shown at right and on page 3. Layout is
important for proper operation. Phase length of input and out-
put 50
line varies as a function of exact desired frequency
of operation. Output shunt inductor effects output perfor-
mance. Mimix recommends the use of a high impedance
printed inductor Lambda/4 in length. Please contact the facto-
ry for an evaluation board and/or more detailed application
support.
(TA = 25°C, Vds = 5 V, Ids = 350 mA)
Frequency
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.6
0.946
-162.45
4.973
86.73
0.017
11.14
0.739
172.95
0.7
0.945
-162.45
4.973
86.73
0.017
11.14
0.739
172.95
0.8
0.946
-171.49
3.657
79.26
0.019
8.47
0.746
170.91
0.9
0.947
-174.16
3.22
76.4
0.018
7.15
0.749
170.28
1.0
0.946
-176.06
2.885
73.75
0.018
9.37
0.748
169.73
1.1
0.946
-177.58
2.623
71.82
0.018
6.8
0.747
169.56
1.2
0.945
-178.58
2.424
69.66
0.019
6.59
0.746
169.16
1.3
0.944
-179.55
2.27
67.7
0.019
6.53
0.742
168.8
1.4
0.942
179.53
2.154
65.68
0.02
7.04
0.739
168.03
1.5
0.938
178.31
2.055
63.25
0.02
4.93
0.73
167.15
2.0
0.918
166.09
1.777
46.63
0.025
-1.23
0.694
155.54
2.5
0.915
144.67
1.448
24.9
0.025
-19.64
0.703
137.27
3.0
0.941
132.34
1.033
10.11
0.022
-27.73
0.76
128.69
3.5
0.957
134.66
0.803
6.12
0.02
-21.78
0.787
132.92
4.0
0.94
138.76
0.803
1.66
0.023
-20.57
0.74
136.51
(TA = 25°C, Vds = 5 V, Ids = 1200 mA)
0.6
0.95
-165
5.311
84.94
0.014
13.61
0.747
17.19
0.7
0.951
-169.94
4.491
80.91
0.013
15.25
0.75
170.93
0.8
0.951
-173.53
3.878
77.66
0.014
13.21
0.75
170.03
0.9
0.952
-176.07
3.406
74.74
0.013
13.59
0.75
169.43
1.0
0.951
-177.94
3.044
72.23
0.014
14.39
0.749
168.92
1.1
0.951
-179.34
2.767
70.37
0.014
13.01
0.749
168.72
1.2
0.951
179.72
2.561
68.34
0.014
14.6
0.745
168.29
1.3
0.951
178.92
2.391
66.48
0.015
13.62
0.741
167.98
1.4
0.949
177.92
2.272
64.41
0.015
14.21
0.734
167.24
1.5
0.946
176.83
2.169
61.99
0.016
14.13
0.728
166.28
2.0
0.929
165.15
1.88
45.76
0.02
7.43
0.69
154.9
2.5
0.925
144.23
1.529
24.16
0.022
-7.75
0.698
136.7
3.0
0.947
131.72
1.09
9.25
0.018
-17.77
0.757
127.79
3.5
0.961
133.41
0.853
4.59
0.017
-13.03
0.779
131.26
4.0
0.945
137.83
0.85
0.36
0.021
-8.72
0.73
134.73
(TA = 25°C, Vds = 8 V, Ids = 800 mA)
0.6
0.941
-164.65
5.654
83.55
0.015
10.74
0.676
174.61
0.7
0.944
-169.57
4.772
79.47
0.014
10.38
0.682
173.44
0.8
0.946
-172.92
4.131
75.86
0.015
9.99
0.685
172.69
0.9
0.947
-175.57
3.625
72.68
0.014
10.72
0.687
172.32
1.0
0.947
-177.32
3.25
70.11
0.015
8.2
0.688
171.96
1.1
0.946
-178.65
2.944
67.96
0.015
8.47
0.688
172.02
1.2
0.947
-179.63
2.717
65.66
0.015
9.51
0.687
171.82
1.3
0.945
179.49
2.535
63.48
0.015
7.84
0.684
171.67
1.4
0.944
178.52
2.397
61.32
0.016
8.5
0.68
171.06
1.5
0.941
177.34
2.85
58.65
0.016
9.62
0.674
170.41
2.0
0.923
165.04
12.949
41.52
0.019
-1.07
0.639
159.85
2.5
0.92
143.82
1.579
19.18
0.02
-12.64
0.653
141.46
3.0
0.944
131.73
1.116
3.58
0.018
-21.43
0.722
132.33
3.5
0.96
134.09
0.857
-1.39
0.016
-16.54
0.762
136.36
4.0
0.942
137.96
0.841
-6.32
0.02
-10.57
0.723
140.71
0.8-1.0 GHz
+34 dBm Power GaAs FET
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical Scattering Parameters
November 2007 - Rev 15-Nov-07


Similar Part No. - CFK2162-P1-000T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFK2162-P1-000T MIMIX-CFK2162-P1-000T Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
CFK2162-P1-000T MIMIX-CFK2162-P1-000T Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
More results

Similar Description - CFK2162-P1-000T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
logo
Analog Devices
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
   >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G Datasheet
387Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
HMC450QS16G HITTITE-HMC450QS16G_09 Datasheet
282Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
Mimix Broadband
CFH2162-P1 MIMIX-CFH2162-P1_09 Datasheet
239Kb / 2P
   36 dBm Power GaAs FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com