Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM0015-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM0015-BD
Description  2.0-22.0 GHz GaAs MMIC Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0015-BD Datasheet(HTML) 2 Page - Mimix Broadband

  CMM0015-BD Datasheet HTML 1Page - Mimix Broadband CMM0015-BD Datasheet HTML 2Page - Mimix Broadband CMM0015-BD Datasheet HTML 3Page - Mimix Broadband CMM0015-BD Datasheet HTML 4Page - Mimix Broadband CMM0015-BD Datasheet HTML 5Page - Mimix Broadband CMM0015-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
2.0-22.0 GHz GaAs MMIC
Power Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM0015-BD
April 2007 - Rev 26-Apr-07
Power Amplifier Measurements
CMM0015-BD Vd=12.0 V, Id=350 mA
6
7
8
9
10
11
12
13
14
15
16
1.0
3.0
5.0
7.0
9.0
11.0 13.0
15.0 17.0 19.0 21.0
23.0 25.0 27.0
Frequency (GHz)
CMM0015-BD Vd=12.0 V, Id=350 mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.0
3.0
5.0
7.0
9.0
11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0
Frequency (GHz)
CMM0015-BD Vd=12.0 V, Id=350 mA
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0
Frequency (GHz)
CMM0015-BD Vd=12.0 V, Id=350 mA
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0 13.0 15.0 17.0 19.0
21.0 23.0 25.0 27.0
Frequency (GHz)
CMM0015-BD Vd=12.0 V, Id=350 mA
23
24
25
26
27
28
29
30
31
32
33
2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)
CMM0015-BD Vd=12.0 V, Id=350 mA
24
25
26
27
28
29
30
31
32
33
34
2.0 3.0
4.0 5.0 6.0
7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)


Similar Part No. - CMM0015-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0015-BD MIMIX-CMM0015-BD Datasheet
326Kb / 10P
   Power Amplifier
CMM0015-BD MIMIX-CMM0015-BD_09 Datasheet
326Kb / 10P
   Power Amplifier
More results

Similar Description - CMM0015-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD_07 Datasheet
198Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD_06 Datasheet
618Kb / 3P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
   2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
   2.0-22.0 GHz GaAs MMIC
CMM0014-BD MIMIX-CMM0014-BD_09 Datasheet
284Kb / 9P
   2.0-22.0 GHz GaAs MMIC
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
   2.0 to 22.0 GHz GaAs MMIC Power Amplifer
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
   GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com