Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM4000-BD Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM4000-BD
Description  2.0-18.0 GHz GaAs MMIC Buffer Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM4000-BD Datasheet(HTML) 3 Page - Mimix Broadband

  CMM4000-BD Datasheet HTML 1Page - Mimix Broadband CMM4000-BD Datasheet HTML 2Page - Mimix Broadband CMM4000-BD Datasheet HTML 3Page - Mimix Broadband CMM4000-BD Datasheet HTML 4Page - Mimix Broadband CMM4000-BD Datasheet HTML 5Page - Mimix Broadband CMM4000-BD Datasheet HTML 6Page - Mimix Broadband CMM4000-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
Buffer Amplifier Measurements (cont,)
CMM4000-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2007 - Rev 01-May-07
2.0-18.0 GHz GaAs MMIC
Buffer Amplifier
CMM4000-BD Vd=5.0 V Id=100 mA
2
3
4
5
6
7
8
9
10
11
12
2.0 3.0
4.0 5.0
6.0 7.0 8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)
+125 deg C
-55 deg C
+25 deg C
CMM4000-BD Vd=5.0 V, Id=100 mA
14
15
16
17
18
19
20
21
22
23
24
2.0 3.0 4.0
5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0
Frequency (GHz)
+125 deg C
-55 deg C
+25 deg C


Similar Part No. - CMM4000-BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM4000-BD ETC1-CMM4000-BD Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD-000X MIMIX-CMM4000-BD-000X Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - CMM4000-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
XB1006-BD MIMIX-XB1006-BD Datasheet
781Kb / 11P
   18.0-38.0 GHz GaAs MMIC Buffer Amplifier
XB1006 MIMIX-XB1006 Datasheet
957Kb / 14P
   18.0-38.0 GHz GaAs MMIC Buffer Amplifier
CMM1100-BD MIMIX-CMM1100-BD_10 Datasheet
1Mb / 9P
   2.0-18.0 GHz GaAs MMIC
CMM1100-QF MIMIX-CMM1100-QF_09 Datasheet
341Kb / 8P
   2.0-18.0 GHz GaAs MMIC
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com