Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM2308-AJ-0G00 Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM2308-AJ-0G00
Description  800-2700 MHz High Dynamic Range Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM2308-AJ-0G00 Datasheet(HTML) 5 Page - Mimix Broadband

  CMM2308-AJ-0G00 Datasheet HTML 1Page - Mimix Broadband CMM2308-AJ-0G00 Datasheet HTML 2Page - Mimix Broadband CMM2308-AJ-0G00 Datasheet HTML 3Page - Mimix Broadband CMM2308-AJ-0G00 Datasheet HTML 4Page - Mimix Broadband CMM2308-AJ-0G00 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
800-2700 MHz
High Dynamic Range Amplifier
Page 5 of 5
Ordering Information
The CMM2308 is available in a surface mount SOIC-8 plastic package.
Part Number for Ordering
Package
CMM2308-AJ-0G00
Matte Tin finished RoHS compliant SOIC-8 package in bulk quantity
CMM2308-AJ-0G0T
Matte Tin finished RoHS compliant SOIC-8 package in tape and reel
PB-CMM2308-AJ-0000
Evaluation Board
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM2308-AJ
Handling and Assembly Information
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy
- Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions
for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment
- This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base
material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and
place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF,
DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation,
but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program -
Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix
RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of
our RoHS compliant parts is 100% matte tin (Sn) over copper alloy and is backwards compatible with current standard
SnPb low-temperature reflow processes as well as higher temperature (260°C reflow) “Pb Free” processes.
CAUTION!
- Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures:
December 2007 - Rev 29-Dec-07


Similar Part No. - CMM2308-AJ-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2308-AJ-000T MIMIX-CMM2308-AJ-000T Datasheet
471Kb / 5P
   800 to 2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-000T MIMIX-CMM2308-AJ-000T Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
More results

Similar Description - CMM2308-AJ-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
   800-2700 MHz High Dynamic Range Amplifier
CMM2308 MIMIX-CMM2308 Datasheet
471Kb / 5P
   800 to 2700 MHz High Dynamic Range Amplifier
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
   High Dynamic Range Low Noise Amplifier 800-1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
   800-2700 MHz Broadband Driver Amplifier
logo
Tyco Electronics
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
   800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com