Electronic Components Datasheet Search |
|
CMM2306-AJ-0G00 Datasheet(PDF) 2 Page - Mimix Broadband |
|
CMM2306-AJ-0G00 Datasheet(HTML) 2 Page - Mimix Broadband |
2 / 5 page 800-2700 MHz Broadband Driver Amplifier Page 2 of 5 Pin # Name Description 1+V d Drain voltage. Connect to positive supply . 2 GND Ground. 3 RF IN RF input (Internally DC blocked). 4 GND Ground. 5 GND Ground. 6 RF OUT RF output (Internally DC blocked). 7 GND Ground. 8 GND Ground. Vd 1 GND 2 RF IN 3 GND 4 8 GND 7 GND 6 RF OUT 5 GND Connection Diagram and Pin Description 1 2 3 4 8 7 6 5 +5V RF IN 0.01µF RF OUT Test Circuit Diagram Typical Performance The following typical performance parameters were tested in the test circuit shown at room temperature and with a drain voltage (+Vd) = 5 V, unless otherwise specified. Frequency (MHz) Gain vs Frequency vs Vd 10 14 18 22 26 30 500 1000 1500 2000 2500 3000 3V 4V 5V 6V Frequency (MHz) Gain vs Frequency vs Temperature @ 5V 17 20 23 26 29 32 -20°C 0°C +25°C +70°C 800 900 1500 1800 2000 2500 2400 Frequency (MHz) Power Output (P-1) vs Frequency vs Temperature @ 5V 16 17 18 19 20 21 -20°C 0°C +25°C +70°C 800 900 1500 1800 2000 2500 2400 Frequency (MHz) Power Output (P-1) vs Frequency vs Vd @ 25 °C 9 12 15 18 21 24 800 900 1500 1800 2000 2500 2400 3V 5V 6V Supply Voltage (Vd ) Gain vs Vd vs Temperature@ 1.8 GHz 20 22 24 26 28 30 34 5 6 -20°C 0°C +25°C +70°C Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com Characteristic Data and Specifications are subject to change without notice. ©2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. CMM2306-AJ December 2007 - Rev 29-Dec-07 |
Similar Part No. - CMM2306-AJ-0G00 |
|
Similar Description - CMM2306-AJ-0G00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |