Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1100-QF-EV1 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM1100-QF-EV1
Description  2.0-18.0 GHz GaAs MMIC Low Noise Amplifier, QFN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1100-QF-EV1 Datasheet(HTML) 3 Page - Mimix Broadband

  CMM1100-QF-EV1 Datasheet HTML 1Page - Mimix Broadband CMM1100-QF-EV1 Datasheet HTML 2Page - Mimix Broadband CMM1100-QF-EV1 Datasheet HTML 3Page - Mimix Broadband CMM1100-QF-EV1 Datasheet HTML 4Page - Mimix Broadband CMM1100-QF-EV1 Datasheet HTML 5Page - Mimix Broadband CMM1100-QF-EV1 Datasheet HTML 6Page - Mimix Broadband CMM1100-QF-EV1 Datasheet HTML 7Page - Mimix Broadband CMM1100-QF-EV1 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low Noise Amplifier Measurements (cont.)
Page 3 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier, QFN
CMM1100-QF
November 2007 - Rev 02-Nov-07
CMM1110-QF, Vd=5.0V, Id=105 mA
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1110-QF, Vd=6.0V, Id=105 mA
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1110-QF, Vd=7.0V, Id=105 mA
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1110-QF, Vd=5.0V, Id=105 mA
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1110-QF, Vd=6.0V, Id=105 mA
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses
CMM1110-QF, Vd=7.0V, Id=105 mA
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
Frequency (GHz)
-40 Deg C
+25 Deg C
+85 Deg C
*Includes fixture losses


Similar Part No. - CMM1100-QF-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1100-QF MIMIX-CMM1100-QF Datasheet
341Kb / 8P
   2.0-18.0 GHz GaAs MMIC
CMM1100-QF MIMIX-CMM1100-QF_09 Datasheet
341Kb / 8P
   2.0-18.0 GHz GaAs MMIC
More results

Similar Description - CMM1100-QF-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com