Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM25T3A-H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # TM25T3A-H
Description  MEDIUM POWER GENERAL USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM25T3A-H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  TM25T3A-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM25T3A-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM25T3A-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM25T3A-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
Unit
A
A
A2s
A/
µs
W
W
V
V
A
°C
°C
V
N·m
kg·cm
N·m
kg·cm
g
ABSOLUTE MAXIMUM RATINGS
Unit
V
V
V
V
V
V
MITSUBISHI THYRISTOR MODULES
TM25T3A-M,-H
MEDIUM POWER GENERAL USE
INSULATED TYPE
M
400
480
320
400
480
320
H
800
960
640
800
960
640
Symbol
VRRM
VRSM
VR (DC)
VDRM
VDSM
VD (DC)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Repetitive peak off-state voltage
Non-repetitive peak off-state voltage
DC off-state voltage
Conditions
3-phase fullwave rectified, TC=76.6
°C
One half cycle at 60Hz, peak value
Value for one cycle of surge current
VD=1/2VDRM, IG=0.5A, Tj=125
°C
Charged part to case
Main terminal screw M5
Mounting screw M5
Typical value
Ratings
60
500
1.0 x 103
100
5.0
0.5
10
5.0
2.0
–40~125
–40~125
2500
1.47~1.96
15~20
1.47~1.96
15~20
310
Symbol
IO
ITSM, IFSM
I2t
di/dt
PGM
PG (AV)
VFGM
VRGM
IFGM
Tj
Tstg
Viso
Parameter
DC output current
Surge (non-repetitive) current
I2t for fusing
Critical rate of rise of on-state current
Peak gate power dissipation
Average gate power dissipation
Peak gate forward voltage
Peak gate reverse voltage
Peak gate forward current
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Voltage class
ELECTRICAL CHARACTERISTICS
Unit
mA
mA
V
V/
µs
V
V
mA
°C/W
°C/W
M
Limits
Symbol
IRRM
IDRM
VTM, VFM
dv/dt
VGT
VGD
IGT
Rth (j-c)
Rth (c-f)
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
Forward voltage
Critical rate of rise of off-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Thermal resistance
Contact thermal resistance
Insulation resistance
Test conditions
Tj=125
°C, VRRM applied
Tj=125
°C, VDRM applied
Tj=125
°C, ITM=IFM=75A, instantaneous meas.
Tj=125
°C, VD=2/3VDRM
Tj=25
°C, VD=6V, RL=2Ω
Tj=125
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, RL=2Ω
Junction to case (per 1/6 module)
Case to fin, Conductive grease applied (per 1/6 module)
Measured with a 500V megohmmeter between main terminal
and case
Min.
500
0.25
10
10
Typ.
Max.
4.0
4.0
1.4
2.0
50
1.5
0.36
Note: Items of the above table applies to the Thyristor part and the Diode part as circled in the following tables.


Similar Part No. - TM25T3A-H

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
TM25-D23 TRUMPOWER-TM25-D23 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
TM25-D25 TRUMPOWER-TM25-D25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
TM25-S12 TRUMPOWER-TM25-S12 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
TM25-S15 TRUMPOWER-TM25-S15 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - TM25T3A-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-M MITSUBISHI-TM55RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-M MITSUBISHI-RM60DZ-M Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TC-24 MITSUBISHI-RM30TC-24 Datasheet
48Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM10T3B-M MITSUBISHI-TM10T3B-M Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20RA-M MITSUBISHI-TM20RA-M Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30CZ MITSUBISHI-RM30CZ Datasheet
53Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TB-H MITSUBISHI-RM30TB-H Datasheet
38Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM75TC-M MITSUBISHI-RM75TC-M Datasheet
51Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com