Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-HW433A Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-HW433A
Description  White SMD Chip LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HW433A Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-HW433A Datasheet HTML 1Page - A-BRIGHT Inc AL-HW433A Datasheet HTML 2Page - A-BRIGHT Inc AL-HW433A Datasheet HTML 3Page - A-BRIGHT Inc AL-HW433A Datasheet HTML 4Page - A-BRIGHT Inc AL-HW433A Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2006/10/18
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HW433A
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Value
Parameter
Test
Condition Symbol Min. Typ. Max.
Unit
Viewing angle at 50% IV
IF=20mA
2θ1/2
60
Deg
Forward voltage
IF=20mA
VF
--
3.5 4.0
V
Luminous intensity
IF=20mA
IV
80 150 --
mcd
X
-- 0.31 --
Chromaticity Coordinates
IF=20mA
Y
-- 0.32 --
--
Peak pulsing current (1/10 duty f=1kHz)
IFP
100
mA
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Forward current
IF
30
mA
Reverse voltage
VR
5
V
Reverse current
IR
10
µA
Power Dissipation
PD
65
mW
Electrostatic Discharge
ESD
150
V
Operating temperature range
Top
-30 ~+80
Storage temperature range
Tstg
-40 ~+85


Similar Part No. - AL-HW433A

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HW433A A-BRIGHT-AL-HW433A_09 Datasheet
226Kb / 5P
   1206 Inner Lens White SMD Chip LED Lamps
2009/2/20
More results

Similar Description - AL-HW433A

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HW433 A-BRIGHT-AL-HW433 Datasheet
340Kb / 5P
   White SMD Chip LED Lamps
2006/10/18
AL-HW435A A-BRIGHT-AL-HW435A_09 Datasheet
206Kb / 5P
   0805 Package White SMD Chip LED Lamps
AL-HW435A A-BRIGHT-AL-HW435A Datasheet
344Kb / 5P
   White SMD Chip LED Lamps (1.0mm Height)
2006/10/18
AL-HW433 A-BRIGHT-AL-HW433_09 Datasheet
207Kb / 5P
   1206 Package White SMD Chip LED Lamps
AL-HW436D A-BRIGHT-AL-HW436D Datasheet
340Kb / 5P
   White SMD Chip LED Lamps (0.8mm Height)
2006/10/18
AL-HW433A A-BRIGHT-AL-HW433A_09 Datasheet
226Kb / 5P
   1206 Inner Lens White SMD Chip LED Lamps
2009/2/20
AL-HW436A A-BRIGHT-AL-HW436A_09 Datasheet
207Kb / 5P
   0603 Package White SMD Chip LED Lamps (0.6mm Height)
AL-HW436D A-BRIGHT-AL-HW436D_09 Datasheet
218Kb / 5P
   0603 Package White SMD Chip LED Lamps (0.8mm Height)
AL-HW436A A-BRIGHT-AL-HW436A Datasheet
339Kb / 5P
   0603 Package White SMD Chip LED Lamps (0.6mm Height)
2006/10/18
logo
Kingbright Corporation
KP-3216 KINGBRIGHT-KP-3216 Datasheet
833Kb / 6P
   3.2x1.6mm SMD CHIP LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com