Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM0511-QT-0G0T Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM0511-QT-0G0T
Description  5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0511-QT-0G0T Datasheet(HTML) 1 Page - Mimix Broadband

  CMM0511-QT-0G0T Datasheet HTML 1Page - Mimix Broadband CMM0511-QT-0G0T Datasheet HTML 2Page - Mimix Broadband CMM0511-QT-0G0T Datasheet HTML 3Page - Mimix Broadband CMM0511-QT-0G0T Datasheet HTML 4Page - Mimix Broadband CMM0511-QT-0G0T Datasheet HTML 5Page - Mimix Broadband CMM0511-QT-0G0T Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5.0-14.0 GHz GaAs MMIC
Packaged Driver Amplifier
Page 1 of 6
CMM0511-QT
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2008 - Rev 03-Feb-08
20 dB Gain
11 dBm P1dB
3x3 QFN Package
Single Power Supply
5-7 V, 90 mA Self Bias
On-Chip ESD Protection
Features
Electrical Characteristics (T=25ºC)
Circuit Description
Mimix Broadband’s 3 stage 5.0 to 14.0 GHz driver
amplifier is packaged in surface mount 3x3 QFN
package. The device is a self-biased, single supply
design with 20 dB gain and 11 dBm P1dB. This MMIC
uses Mimix Broadband’s 0.25um optical pHEMT
process.
Supply Voltage
RF Input Power
Storage Temperature (Tstg)
Junction Temperature
Operating Temperature
+8 V
+10 dBm
-55 ºC to +125 ºC
175 ºC
-40 ºC to +85ºC
Absolute Maximum Ratings
Frequency Range
Gain
Input Return Loss
Output P1dB
Output IP3
Supply Voltage
Current
Parameter
Units
GHz
dB
dBm
dBm
V
mA
Min.
5
-
-
-
-
-
Typ.
-
20
-12
11
22
5
90
Max.
14
-
-
-
-
7
120
Typical Parameters (6V, 90 mA)
Frequency
Gain
IP Return Loss
Op Return Loss
P1dB
OIP3
Parameter
5
20.5
-15
-14.5
13
24.0
7
20.5
-15
-15
13
24.0
9
18.5
-17
-11
10
22.0
11
18.5
-20
-11
10
20.0
Typical
13
18.5
-10
-9
10
21.0
14
20
-8
-9
11.5
20.5
Operating this device beyond any of these parameters may
cause permanent damage.


Similar Part No. - CMM0511-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0511-QT-0G0T MIMIX-CMM0511-QT-0G0T Datasheet
446Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
More results

Similar Description - CMM0511-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT_10 Datasheet
1Mb / 6P
   5.0-14.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM2000-QT MIMIX-CMM2000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT_07 Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT Datasheet
866Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
logo
M/A-COM Technology Solu...
CMM0511-QT MA-COM-CMM0511-QT Datasheet
1Mb / 6P
   5.0-14.0 GHz GaAs MMICPackaged
logo
Mimix Broadband
XB1009-BD MIMIX-XB1009-BD Datasheet
273Kb / 7P
   14.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com