Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-XGE361 Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-XGE361
Description  Super Yellow Green Axial LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-XGE361 Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-XGE361 Datasheet HTML 1Page - A-BRIGHT Inc AL-XGE361 Datasheet HTML 2Page - A-BRIGHT Inc AL-XGE361 Datasheet HTML 3Page - A-BRIGHT Inc AL-XGE361 Datasheet HTML 4Page - A-BRIGHT Inc AL-XGE361 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2006/10/18
NOTES:
1. All dimensions are in millimeters (inches);
2. Tolerances are
±0.1mm (0.004inch) unless otherwise
noted.
Soldering iron
Basic spec is
5sec when 260℃. If temperature is higher,
time should be shorter (+10℃
-1sec ).Power dissipation
of iron should be smaller than 15W, and temperatures
should be controllable .Surface temperature of the device
should be under 230℃ .
ITEM
MATERIALS
Resin (mold)
Epoxy
Lens color
Water Clear
Printed circuit board
BT
Dice
AlGaInP
Emitted color
Super Yellow Green
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
AXIAL LED LAMPS
Super Yellow Green Axial LED Lamps
Part Number: AL-XGE361
Package outlines & Re-flow Profile
Reflow Temp/Time


Similar Part No. - AL-XGE361

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-XGE361-F7 A-BRIGHT-AL-XGE361-F7 Datasheet
339Kb / 5P
   Super Yellow Green Axial With Gull Wing Lead
2006/10/18
AL-XGE361-F8 A-BRIGHT-AL-XGE361-F8 Datasheet
337Kb / 5P
   Super Yellow Green Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XGE361-F9 A-BRIGHT-AL-XGE361-F9 Datasheet
336Kb / 5P
   Super Yellow Green Axial With Z-Bent Lead AXIAL LED LAMPS
2006/10/19
More results

Similar Description - AL-XGE361

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-XKD361 A-BRIGHT-AL-XKD361 Datasheet
339Kb / 5P
   Super Yellow Axial LED Lamps
2006/10/18
AL-XKB361 A-BRIGHT-AL-XKB361 Datasheet
340Kb / 5P
   Super Yellow Axial LED Lamps
2006/10/18
AL-XGE361-F8 A-BRIGHT-AL-XGE361-F8 Datasheet
337Kb / 5P
   Super Yellow Green Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XG0361 A-BRIGHT-AL-XG0361 Datasheet
339Kb / 5P
   Yellow Green Axial LED Lamps
2006/10/18
AL-XGE361-F9 A-BRIGHT-AL-XGE361-F9 Datasheet
336Kb / 5P
   Super Yellow Green Axial With Z-Bent Lead AXIAL LED LAMPS
2006/10/19
AL-XKB361-F8 A-BRIGHT-AL-XKB361-F8 Datasheet
338Kb / 5P
   Super Yellow Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XKD361-F8 A-BRIGHT-AL-XKD361-F8 Datasheet
338Kb / 5P
   Super Yellow Axial With YOKE Lead AXIAL LED LAMPS
2006/10/18
AL-XY0361 A-BRIGHT-AL-XY0361 Datasheet
339Kb / 5P
   Yellow Axial LED Lamps
2006/10/18
AL-XKD361-F7 A-BRIGHT-AL-XKD361-F7 Datasheet
339Kb / 5P
   Super Yellow Axial With Gull Wing Lead AXIAL LED LAMPS
2006/10/18
AL-XKD361-F9 A-BRIGHT-AL-XKD361-F9 Datasheet
336Kb / 5P
   Super Yellow Axial With Z-Bent Lead AXIAL LED LAMPS
2006/10/19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com