Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF530 Datasheet(PDF) 5 Page - STMicroelectronics

Part # IRF530
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF530 Datasheet(HTML) 5 Page - STMicroelectronics

  IRF530 Datasheet HTML 1Page - STMicroelectronics IRF530 Datasheet HTML 2Page - STMicroelectronics IRF530 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 3 page
//htmlimg2.alldatasheet.net/htmldatasheet2/22390/STMICROELECTRONICS/IRF530/8120/5/IRF530.png


Similar Part No. - IRF530

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF530 MOTOROLA-IRF530 Datasheet
157Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
First Components Intern...
IRF530 FCI-IRF530 Datasheet
356Kb / 6P
   14.0A 100V N CHANNEL POWER MOSFET
logo
Transys Electronics
IRF530 TRSYS-IRF530 Datasheet
481Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE
logo
Vishay Siliconix
IRF530 VISHAY-IRF530 Datasheet
282Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Samsung semiconductor
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results

Similar Description - IRF530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
November 1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP3N50XI STMICROELECTRONICS-STP3N50XI Datasheet
289Kb / 7P
   N-CHANNEL enhancement mode power mos transistor
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com