Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0300 Datasheet(PDF) 4 Page - Power IC Ltd.

Part # PL0300
Description  Low Noise, Fixed Output Voltage 300mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0300 Datasheet(HTML) 4 Page - Power IC Ltd.

  PL0300 Datasheet HTML 1Page - Power IC Ltd. PL0300 Datasheet HTML 2Page - Power IC Ltd. PL0300 Datasheet HTML 3Page - Power IC Ltd. PL0300 Datasheet HTML 4Page - Power IC Ltd. PL0300 Datasheet HTML 5Page - Power IC Ltd. PL0300 Datasheet HTML 6Page - Power IC Ltd. PL0300 Datasheet HTML 7Page - Power IC Ltd. PL0300 Datasheet HTML 8Page - Power IC Ltd. PL0300 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage at Pin 1
-0.3 to +6.0
V
VEN
Enable Input Voltage at Pin 3
-0.3 to +6.0
V
PD
Continuous Power Dissipation
Internally limited
W
TSTG
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance, Junction-To-Air
+235
°C/W
TJ,MAX
Operating Junction Temperature
-40 to +125
°C
TL
PL0300
Lead Temperature (Soldering, 5sec)
+260
°C
ESD
ESD Capability, HBM Model
2.0
KV
ELECTRICAL CHARACTERISTICS
( All specifications are at TA = 25°C. VIN = VOUT ( NOMINAL ) + 1V OR 2.5V whichever is greater, VEN = VIN, CIN =
COUT = 1µF, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Supply Voltage
2.5
5.5
V
IO = 1mA to 300mA,
TA = +25°C
-2.0
+2.0
%
VOUT
Output Voltage Accuracy
IO = 1mA to 300mA,
TA = -40°C to 85°C
-3.0
+3.0
%
ILOAD = 300mA
380
mV
VDP
Dropout Voltage (Note 1)
ILOAD = 100mA
130
mV
IMAX
Maximum Output Current
Continuous
300
mA RMS
ILIM
Short Circuit Current Limit
VOUT < 90% of V NOM
650
mA
IQ
Shutdown Quiescent Current
VEN < 0.4V
0.05
0.5
µA
IG
Ground Pin Current
ILOAD = 1mA
90
140
µA
ΔVLINE
Line Regulation dVOUT/dVIN
VIN = VOUT + 1V (or 2.5V,
whichever is greater) to 5.5V,
IO = 1 mA
-0.15
0.15
%/V
PSRR
Ripple Rejection
f = 100Hz, COUT= 10µF,
CBYP = 10nF,
ILOAD = 1mA
65
dB
eNO
Output Voltage Noise
COUT = 10µF, CBYP = 10nF,
70
µVRMS
f = 10Hz to 100KHz
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
4


Similar Part No. - PL0300

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL0300

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com