Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL0301-15UZ Datasheet(PDF) 5 Page - Power IC Ltd.

Part # PL0301-15UZ
Description  300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0301-15UZ Datasheet(HTML) 5 Page - Power IC Ltd.

  PL0301-15UZ Datasheet HTML 1Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 2Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 3Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 4Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 5Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 6Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 7Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 8Page - Power IC Ltd. PL0301-15UZ Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PL0301
ELECTRICAL CHARACTERISTICS
(VIN=VOUT(NOMINAL)+1V or 2.5V (whichever is greater), VEN=VIN, CIN=COUT=1µF, IO=1mA, TA=25°C, unless
otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Supply Voltage
2.5
5.5
V
ΔVOUT
Output Voltage Accuracy
IO = 1mA
-1.0
1.0
%
ΔVLOAD
Load Regulation
IO=1mA to 300mA
0.4
0.5
%
Line Regulation
dVOUT/( dVIN*VOUT(NOMINAL)
)*100%
VIN =VOUT(NOMINAL) +0.1V (or
2.5V, whichever is greater) to
5.5V, IO=1mA
ΔVline
0.015
0.05
%/V
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
5
ILOAD = 300mA
160
220
mV
VDP
Dropout Voltage (Note 1)
ILOAD = 100mA
56
100
mV
IB
Maximum Output Current
Continuous
300
mA RMS
OB
ILIM
Current Limit/Output Current
VIN-VOUT =1.3V
420
680
mA
IB
Standby Current
VEN = 0V
0.5
µA
QB
IB
Ground pin current
ILOAD =1mA
105
µA
GB
f = 100Hz, Cout= 1µF,
62
dB
PSRR
CBYP =10nF
Ripple Rejection,
IOUT = 50mA,
60
dB
f = 10KHz, Cout= 1µF,
PSRR
CBYP =10nF
COUT = 1µF, CBYP = 10nF,
F = 10Hz to 100K Hz
138
µVRMS
eNO
Output voltage noise
(Vp-p/2/√2)
Thermal Shutdown
Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
VIH
Logic Input High Voltage (EN)
1.2
V
VIL
Logic Input Low Voltage
(EN\)
0.4
V
IEN
Logic Input Current (SHDN\)
-1
1
µA
Shutdown exit delay
VEN= 0 to 5.5V, CBYP=10nF
135
µs
COUT=1uF
Shutdown discharge
resistance
400
Ω


Similar Part No. - PL0301-15UZ

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
PL030-6-30 VIMARLOW-PL030-6-30 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01 VIMARLOW-PL030-6-30-01 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01L VIMARLOW-PL030-6-30-01L Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30-01LS VIMARLOW-PL030-6-30-01LS Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
PL030-6-30 VIMARLOW-PL030-6-30_18 Datasheet
430Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - PL0301-15UZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com