Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8012 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8012
Description  2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8012 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8012 Datasheet HTML 1Page - Intersil Corporation ISL8012 Datasheet HTML 2Page - Intersil Corporation ISL8012 Datasheet HTML 3Page - Intersil Corporation ISL8012 Datasheet HTML 4Page - Intersil Corporation ISL8012 Datasheet HTML 5Page - Intersil Corporation ISL8012 Datasheet HTML 6Page - Intersil Corporation ISL8012 Datasheet HTML 7Page - Intersil Corporation ISL8012 Datasheet HTML 8Page - Intersil Corporation ISL8012 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6616.0
ISL8012
2A Low Quiescent Current 1MHz High
Efficiency Synchronous Buck Regulator
The ISL8012 is a high efficiency, monolithic, synchronous
step-down DC/DC converter that can deliver up to 2A
continuous output current from a 2.7V to 5.5V input supply. It
uses a current control architecture to deliver very low duty
cycle operation at high frequency with fast transient
response and excellent loop stability.
The ISL8012 integrates a pair of low ON-resistance
P-Channel and N-Channel internal MOSFETs to maximize
efficiency and minimize external component count. The
100% duty-cycle operation allows less than 240mV dropout
voltage at 2A output current. High 1MHz pulse-width
modulation (PWM) switching frequency allows the use of
small external components.
The ISL8012 can be configured for discontinuous or forced
continuous operation at light load. Forced continuous
operation reduces noise and RF interference while
discontinuous mode provides high efficiency by reducing
switching losses at light loads.
Fault protection is provided by internal current limiting during
short circuit and overcurrent conditions, an output over
voltage comparator and over-temperature monitor circuit. A
power good output voltage monitor indicates when the
output is in regulation.
The ISL8012 offers a 1ms Power Good (PG) timer at
power-up. When shutdown, ISL8012 discharges the output
capacitor. Other features include internal soft-start, internal
compensation, overcurrent protection, and thermal
shutdown.
The ISL8012 is offered in a space saving 3mmx3mm 10 Ld
DFN package lead free package with exposed pad lead
frames for low thermal. The complete converter occupies
less than 0.35in2 area.
Features
• High Efficiency Synchronous Buck Regulator with up to
95% Efficiency
• Power-Good (PG) Output with a 1ms Delay
• 2.7V to 5.5V Supply Voltage
• 3% Output Accuracy Over-Temperature/Load/Line
• 2A Guaranteed Output Current
• Start-up with Pre-Biased Output
• Internal Soft-Start - 1ms
• Soft-Stop Output Discharge During Disabled
• 40µA Quiescent Supply Current in PFM Mode
• Selectable Forced PWM Mode and PFM Mode
• Less than 1µA Logic Controlled Shutdown Current
• 100% Maximum Duty Cycle
• Internal Current Mode Compensation
• Peak Current Limiting and Hiccup Mode Short Circuit
Protection
• Over-Temperature Protection
• Small 10 Ld 3mmx3mm DFN
• Pb-Free (RoHS Compliant)
Applications
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Portable Instruments
• Test and Measurement Systems
• Li-ion Battery Powered Devices
• Small Form Factor (SFP) Modules
• Bar Code Readers
Pinout
ISL8012
(10 LD DFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL8012IRZ*
012Z
-40 to +85 10 Ld 3x3 DFN L10.3x3C
*Add “-T” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
VIN
VCC
EN
PG
LX
PGND
SGND
VFB
MODE
RSI
2
3
4
1
5
9
8
7
10
6
Data Sheet
March 11, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 16P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL80121-5 RENESAS-ISL80121-5 Datasheet
668Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
416Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
June 22, 2012
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - ISL8012

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012_10 Datasheet
1Mb / 16P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com