Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6614A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6614A
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6614A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6614A Datasheet HTML 4Page - Intersil Corporation ISL6614A Datasheet HTML 5Page - Intersil Corporation ISL6614A Datasheet HTML 6Page - Intersil Corporation ISL6614A Datasheet HTML 7Page - Intersil Corporation ISL6614A Datasheet HTML 8Page - Intersil Corporation ISL6614A Datasheet HTML 9Page - Intersil Corporation ISL6614A Datasheet HTML 10Page - Intersil Corporation ISL6614A Datasheet HTML 11Page - Intersil Corporation ISL6614A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
FN6482.0
February 26, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+6V
All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5kV
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Ambient Temperature
ISL6334ACRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ISL6334CRZ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Ambient Temperature
ISL6334IRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
ISL6334AIRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Notes 1, 2)
θJA (°C/W) θJC (°C/W)
40 Ld 6x6 QFN Package . . . . . . . . . . .
32
2
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN_PWR = 5VDC; RT = 100kΩ,
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80µA
-16
20
mA
Shutdown Supply
VCC = 5VDC; EN_PWR = 0VDC; RT = 100kΩ
-14
17
mA
POWER-ON RESET AND ENABLE
VCC Rising POR Threshold
4.3
4.4
4.5
V
VCC Falling POR Threshold
3.75
3.88
4.0
V
EN_PWR Rising Threshold
0.875
0.897
0.920
V
EN_PWR Falling Threshold
0.735
0.752
0.770
V
EN_VTT Rising Threshold
0.875
0.897
0.920
V
EN_VTT Falling Threshold
0.735
0.752
0.770
V
REFERENCE VOLTAGE AND DAC
System Accuracy of ISL6334CRZ, ISL6334ACRZ
(VID = 1V to 1.6V, TJ = 0°C to +70°C)
(Note 3, Closed-Loop)
-0.5
-
0.5
%VID
System Accuracy of ISL6334CRZ, ISL6334ACRZ
(VID = 0.5V to 1V, TJ = 0°C to +70°C)
(Note 3, Closed-Loop)
-5
-
5
mV
System Accuracy of ISL6334IRZ, ISL6334AIRZ
(VID = 1V to 1.6V, TJ = -40°C to +85°C)
(Note 3, Closed-Loop)
-0.6
-
0.6
%VID
System Accuracy of ISL6334IRZ, ISL6334AIRZ
(VID = 0.8V to 1V, TJ = -40°C to +85°C)
(Note 3, Closed-Loop)
-6
-
6
mV
System Accuracy of ISL6334IRZ, ISL6334AIRZ
(VID = 0.5V to 0.8V, TJ = -40°C to +85°C)
(Note 3, Closed-Loop)
-7
-
7
mV
VID Pull-up
After tD3
30
40
50
µA
VID Input Low Level
--
0.4
V
VID Input High Level
0.8
-
-
V
ISL6334, ISL6334A


Similar Part No. - ISL6614A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614A INTERSIL-ISL6614A Datasheet
336Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614A INTERSIL-ISL6614A Datasheet
275Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
ISL6614ACB INTERSIL-ISL6614ACB Datasheet
336Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6614A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336 INTERSIL-ISL6336 Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com