Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8061 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH8061
Description  Voltage Regulator with integrated LIN Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8061 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH8061 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 10Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 11Page - Melexis Microelectronic Systems TH8061 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TH8061
Voltage Regulator with integrated LIN Transceiver
2.4
Dynamic Characteristics
7V
≤ VSUP ≤ 18V, -40°C ≤ TA ≤ 125°C, unless otherwise specified
Parameter
Symbol
Condition
Min
Typ
Max
Unit
RESET
Reset time
tRes
70
100
140
ms
Reset rising time [1]
trr
3.0
7.5
15
µs
Debouncing time BUS [1]
tdeb_BUS
1.5
2.8
4.0
µs
Wake up time
twake_BUS
25
60
120
µs
General LIN BUS parameter
Transmit propagation delay
TxD -> BUS [2] [3]
tdr_TXD,
tdf_TXD
RL/CL at BUS
1k
Ω/1nF
660
Ω/6.8nF
500
Ω/10nF
4
µs
Symmetry of propagation delay
BUS -> RxD [2]
tdsym_TXD
tdr_TXD - tdf_TXD
-2
2
µs
Receiver propagation delay
BUS -> RxD [2] [3]
tdr_RXD
tdf_RXD
CL(RXD) = 50pF
6
µs
Symmetry of propagation delay
TxD -> BUS [2]
tdsym_RXD
tdr_RXD - tdf_RXD
-2
2
µs
Slew rate BUS rising edge [1]
dV/dTrise
20%
≤ VBUS ≤ 80%
CBUS = 100 pF
1.0
1.7
2.5
V/
µs
Slew rate BUS falling edge [1]
dV/dTfall
20%
≤ VBUS ≤ 80%
100pF
≤ CBUS ≤ 10nF
-2.5
-1.7
-1.0
V/
µs
LIN BUS parameter according to LIN Spec. Rev. 1.3
VSUP = 8 V
RL= 500
Ω / CL=10nF
12
Slope time, transition from recessive to
dominant [2] [3]
tsdom
VSUP = 18 V
RL= 500
Ω / CL=10nF
18
µs
VSUP = 8 V
RL= 500
Ω / CL=10nF
12
Slope time, transition from dominant to
recessive [2] [3]
tsrec
VSUP = 18 V
RL= 500
Ω / CL=10nF
18
µs
VSUP = 8 V
RL= 500
Ω / CL=10nF
Tssym = tsdom - tsrec
-7
1
Slope time symmetry
tssym
VSUP = 18 V
RL= 500
Ω / CL=10nF
Tssym = tsdom - tsrec
-5
5
µs
TH8061 – Datasheet
Page 8 of 36
3901008061
June 2004
Rev 007


Similar Part No. - TH8061

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAA MELEXIS-TH8062KDCAA Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAB MELEXIS-TH8062KDCAB Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAC MELEXIS-TH8062KDCAC Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAD MELEXIS-TH8062KDCAD Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results

Similar Description - TH8061

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
   LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com