Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8061KDCA Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH8061KDCA
Description  Voltage Regulator with integrated LIN Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8061KDCA Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH8061KDCA Datasheet HTML 1Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 2Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 3Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 4Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 5Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 6Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 7Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 8Page - Melexis Microelectronic Systems TH8061KDCA Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TH8061
Voltage Regulator with integrated LIN Transceiver
2. Electrical Specification
All voltages are referenced to ground (GND). Positive currents flow into the IC.
The absolute maximum ratings (in accordance with IEC 134) given in the table below are limiting values that
do not lead to a permanent damage of the device but exceeding any of these limits may do so. Long term
exposure to limiting values may affect the reliability of the device. Correct operating of the device cannot be
guaranteed if any of these limits are exceeded.
2.1
Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply voltage
VSUP
5.25
18
V
Output voltage
VCC
4.95
5.05
V
Operating ambient temperature
TA
-40
+125
°C
Junction temperature
TJ
+150
°C
2.2
Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
-1.0
18
T
60 s
-
30
Supply voltage at VSUP [1]
VSUP
T
500 ms
-
40
V
-24
30
Input voltage at pin BUS [1]
VBUS
T
500 ms
-
40
V
Difference VSUP-VCC
VSUP-VCC
-0.3
40
V
Input voltage at pin EN
VINEN
-0.3
VSUP+0.3
V
Input voltage at pin TxD, RxD, RESET
VIN
-0.3
VCC+0.3
V
Input current at pin EN, TxD, RxD, RESET
IIN
-25
25
mA
Input current for short circuit of pin VSUP and VCC
IINSH
-500
500
mA
ESD Capability on any pin
ESDHB
Human body Modell, 100pF
via 1.5k
-2
2
kV
Power dissipation
P0
Internal limited [2]
Thermal resistance from junction to ambient(SOIC8)
RTHJA
160
K/W
Junction temperature [2]
TJ
150
°C
Storage temperature
TSTG
-55
150
°C
[1]
The voltage values are valid independent from each other.
[2]
See chapter 4.1 Power Dissipation and operating range
TH8061 – Datasheet
Page 5 of 36
3901008061
June 2004
Rev 007


Similar Part No. - TH8061KDCA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAA MELEXIS-TH8062KDCAA Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAB MELEXIS-TH8062KDCAB Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAC MELEXIS-TH8062KDCAC Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAD MELEXIS-TH8062KDCAD Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results

Similar Description - TH8061KDCA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
   LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com