Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8062KDCAC Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH8062KDCAC
Description  Voltage Regulator with LIN Transceiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8062KDCAC Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH8062KDCAC Datasheet HTML 7Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 8Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 9Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 10Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 11Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 12Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 13Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 14Page - Melexis Microelectronic Systems TH8062KDCAC Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TH8062
Voltage Regulator with LIN Transceiver
TH8062 – Datasheet
Page 11 of 38
3901008062
March 2006
Rev 002
2.5
Timing Diagrams
TxD
BUS
tdf_TXD
RxD
VBUS
95%
50%
tdr_TXD
5%
50%
tdf_RXD
tdr_RXD
100%
0%
50%
50%
Figure 2 - Timing diagram for propagation delays
TxD
BUS
VSUP
58.1%
(61.6%)
28.4%
(25.1%)
100%
74.4%
(77.8%)
42.2%
(38.9%)
tdom(max)
tdom(min)
trec(min)
trec(max)
0%
VSS
58.1%
(61.6%)
28.4%
(25.1%)
tBit
tBit
Remark:
The levels for low slope mode are shown in brackets
tx_dom_max
tx_dom_min
tx_rec_max
tx_rec_min
Figure 3 - Timing diagram for duty cycle acc. to LIN 2.0 and J2602


Similar Part No. - TH8062KDCAC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
TH8061KDCA MELEXIS-TH8061KDCA Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
TH8065KDCAA MELEXIS-TH8065KDCAA Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
TH8065KDCAB MELEXIS-TH8065KDCAB Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
More results

Similar Description - TH8062KDCAC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com