Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71111ENE Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # TH71111ENE
Description  868/915MHz FSK/FM/ASK Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71111ENE Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  TH71111ENE Datasheet HTML 1Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 2Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 3Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 4Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 5Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 6Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 7Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 8Page - Melexis Microelectronic Systems TH71111ENE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TH71111
868/915MHz
FSK/FM/ASK Receiver
39010 71111
Page 3 of 22
Data Sheet
Rev. 013
June/07
1
Theory of Operation
1.1
General
With the TH71111 receiver chip, various circuit configurations can be arranged in order to meet a number of
different customer requirements. For FM/FSK reception the IF tank used in the phase coincidence
demodulator can also be constituted by a ceramic discriminator with a varactor diode to create an AFC
circuit. In ASK configuration, the RSSI signal is fed to an ASK detector, which is constituted by the
operational amplifier.
A double-conversion variant, called TH71112, is also available. This receiver IC allows a higher degree of
image rejection, achieved in conjunction with an RF front-end filter. Both RXICs have the same die. At the
TH71112, the second mixer (MIX2) is used to down-convert the first IF (IF1) to the second IF (IF2). At the
TH71111, MIX2 operates as an amplifier.
Efficient RF front-end filtering is realized by using a SAW, ceramic or helix filter in front of the LNA and by
adding an LC filter at the LNA output.
The TH71111 receiver IC consists of the following building blocks:
#
PLL synthesizer (PLL SYNTH) for generation of the local oscillator signal LO, parts of the PLL SYNTH
are: the high-frequency VCO1, the feedback divider DIV_32, a phase-frequency detector (PFD) with
charge pump (CP) and a crystal-based reference oscillator (RO)
#
Low-noise amplifier (LNA) for high-sensitivity RF signal reception
#
First mixer (MIX1) for down-conversion of the RF signal to the IF
#
IF pre amplifier which is a mixer cell (MIX2) that operates as an amplifier
#
IF amplifier (IFA) to amplify and limit the IF signal and for RSSI generation
#
Phase coincidence demodulator (DEMOD) with third mixer (MIX3) to demodulate the IF signal
#
Operational amplifier (OA) for data slicing, filtering and ASK detection
#
Bias circuitry for bandgap biasing and circuit shutdown
1.2
Technical Data Overview
! Input frequency range: 800 MHz to 930 MHz
! Power supply range: 2.3 V to 5.5 V @ ASK
! Temperature range: -40 °C to +85 °C
! Standby current: 50 nA
! Operating current: 7.5 mA @ low gain mode
9.2 mA @ high gain mode
! Sensitivity: -112 dBm @ ASK 1)
-106 dBm @ FSK 2)
! Maximum data rate: 260 kbps NRZ @ ASK
180 kbps NRZ @ FSK
! Range of IF: 400 kHz to 22 MHz
! Maximum input level: -10 dBm @ ASK
0 dBm @ FSK
! Image rejection: > 45 dB (e.g. with 868.3 MHz
SAW front-end filter and at 10.7 MHz IF)
! Spurious emission: < -70 dBm
! Input frequency acceptance range: up to
±100 kHz
! RSSI range: 70 dB
! FM/FSK deviation range:
±2.5 kHz to ±80 kHz
! Maximum analog modulation frequency: 15 kHz
1) at 4 kbps NRZ, BER = 3
⋅10-3, 180 kHz IF filter BW, without SAW front-end-filter loss
2)
at 4 kbps NRZ, BER = 3
⋅10-3, ± 20 kHz FSK deviation, 180 kHz IF filter BW, without SAW front-end-filter loss


Similar Part No. - TH71111ENE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
   868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
TH71112ENE MELEXIS-TH71112ENE Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
More results

Similar Description - TH71111ENE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
   868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
   868/915MHz FSK/FM/ASK Transmitter
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Melexis Microelectronic...
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com