Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF47 Datasheet(PDF) 7 Page - STMicroelectronics

Part # KF47
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF47 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button KF47 Datasheet HTML 3Page - STMicroelectronics KF47 Datasheet HTML 4Page - STMicroelectronics KF47 Datasheet HTML 5Page - STMicroelectronics KF47 Datasheet HTML 6Page - STMicroelectronics KF47 Datasheet HTML 7Page - STMicroelectronics KF47 Datasheet HTML 8Page - STMicroelectronics KF47 Datasheet HTML 9Page - STMicroelectronics KF47 Datasheet HTML 10Page - STMicroelectronics KF47 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
KF00
7/17
ELECTRICAL CHARACTERISTICS FOR KF40 (refer to the test circuits, Tj = 25°C, CI =0.1 µF,
CO =2.2 µF unless otherwise specified.)
ELECTRICAL CHARACTERISTICS FOR KF45 (refer to the test circuits, Tj = 25°C, CI =0.1 µF,
CO =2.2 µF unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =50 mA, VI =6 V
3.92
4
4.08
V
IO =50 mA, VI =6 V, Ta = -25 to 85°C
3.84
4.16
VI
Operating Input Voltage
IO = 500 mA
20
V
IO
Output Current Limit
1
A
∆V
O
Line Regulation
VI =5 to 20 V,
IO =5 mA
3
18
mV
∆V
O
Load Regulation
VI =5.3 V,
IO = 5 to 500 mA
2
50
mV
Id
Quiescent Current
VI =5 to 20V, IO = 0mA
(ON MODE)
0.5
1
mA
VI = 5.3 to 20V, IO =500mA
12
VI =6 V
(OFF MODE)
50
100
µA
SVR
Supply Voltage Rejection
IO =5mA
VI =6 ± 1 V
f = 120 Hz
78
dB
f= 1KHz
73
f= 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 200 mA
0.2
0.35
V
IO = 500 mA
0.4
0.7
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI =6 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
IO = 0 to 500 mA
2
10
µF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =50 mA, VI = 6.5 V
4.41
4.5
4.59
V
IO =50 mA, VI =6.5 V, Ta = -25 to 85°C
4.32
4.68
VI
Operating Input Voltage
IO = 500 mA
20
V
IO
Output Current Limit
1
A
∆V
O
Line Regulation
VI = 5.5 to 20 V,
IO =5 mA
3
18
mV
∆V
O
Load Regulation
VI =5.8 V,
IO = 5 to 500 mA
2
50
mV
Id
Quiescent Current
VI = 5.5 to 20V, IO = 0mA
(ON MODE)
0.5
1
mA
VI = 5.8 to 20V, IO =500mA
12
VI =6 V
(OFF MODE)
50
100
µA
SVR
Supply Voltage Rejection
IO =5mA
VI =6.5 ± 1 V
f = 120 Hz
77
dB
f= 1KHz
72
f= 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 200 mA
0.2
0.35
V
IO = 500 mA
0.4
0.7
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI =6 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
IO = 0 to 500 mA
2
10
µF


Similar Part No. - KF47

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF470B KEC-KF470B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF470BS KEC-KF470BS Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF470BV KEC-KF470BV Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF474B KEC-KF474B Datasheet
177Kb / 3P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
KF474BS KEC-KF474BS Datasheet
397Kb / 4P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR 400MHz~520MHz RANGE)
More results

Similar Description - KF47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com