Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN0015 Datasheet(PDF) 2 Page - RF Micro Devices

Part # AN0015
Description  Design of ?쏱I??and ?쏷??Network Attenuators for Inter-Stage Buffering
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

AN0015 Datasheet(HTML) 2 Page - RF Micro Devices

  AN0015 Datasheet HTML 1Page - RF Micro Devices AN0015 Datasheet HTML 2Page - RF Micro Devices AN0015 Datasheet HTML 3Page - RF Micro Devices AN0015 Datasheet HTML 4Page - RF Micro Devices AN0015 Datasheet HTML 5Page - RF Micro Devices AN0015 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15-36
AN0015
15
Copyright 1997-2002 RF Micro Devices, Inc.
Solution:
Notice the "PI" attenuator shown above is a symmetrical circuit, and therefore the knowledge learned from one port may
be applied to the other port.
(i) S11:
where
and is called the normalized input impedance.
Solving for Zin:
Calculating
Γ
in:
Now S11 may be expressed in dB:
(matched in a 50
Ω system)
(ii) S21:
where:
Therefore, S21 may be expressed in dBs:
R
2
37
R
1
150
R
3
150
Z
IN
Z
L
50
S
11
Γ
in
Z
L
Z
o
ζ 1
ζ 1
+
------------
==
=
ζ
Z
in
Z
o
--------
=
Z
in
R
1
R
2
R
3
R
L
||
()
+
() 49.78Ω
=
||
=
Γ
in
0.996
1
0.996
1
+
----------------------
0.00203
==
S
11
20
LOG
Γ
in
()
53dB
=
×
=
R
2
37
R
1
150
R
3
150
Z
IN
Z
L=Z0
Z
S=Z0
V
L
V
1
V
S
S
21
2
V
L
V
S
-------
×
=
V
L
V
s
-------
V
L
V
1
-------
V
1
V
S
------
×
R
3
Z
L
||
R
3
Z
L
||
() R
2
+
-------------------------------------



Z
in
Z
in
Z
s
+
--------------------



37.5
37.5
37
+
----------------------
49.78
49.78
50
+
-------------------------
×
1
4
---
=
=
=
S
21
20
LOG
×
2
V
L
V
S
-------
×



20
LOG
×
1
2
---


6dB
==
=


Similar Part No. - AN0015

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
   Calibration Adaptor
logo
RF Micro Devices
AN0010 RFMD-AN0010 Datasheet
22Kb / 2P
   Evaluation Board Assembly Biasing Configuration
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
AN0014 RFMD-AN0014 Datasheet
45Kb / 4P
   Bias Scheme for NBB-Series Amplifiers
More results

Similar Description - AN0015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDR706F ETC1-MDR706F Datasheet
275Kb / 3P
   1.9GHz PHS Inter stage BPF
logo
eleflow technologies co...
2SC3101 ELEFLOW-2SC3101 Datasheet
211Kb / 3P
   For drive stage and output stage of power amplifiers in UHF band.
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004_15 Datasheet
569Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Schurter Inc.
FMACECO SCHURTER-FMACECO Datasheet
601Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091C-1610 SCHURTER-FMAC-091C-1610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com