Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16354 Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16354
Description  High Precision Tri-Axis Inertial Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16354 Datasheet(HTML) 5 Page - Analog Devices

  ADIS16354 Datasheet HTML 1Page - Analog Devices ADIS16354 Datasheet HTML 2Page - Analog Devices ADIS16354 Datasheet HTML 3Page - Analog Devices ADIS16354 Datasheet HTML 4Page - Analog Devices ADIS16354 Datasheet HTML 5Page - Analog Devices ADIS16354 Datasheet HTML 6Page - Analog Devices ADIS16354 Datasheet HTML 7Page - Analog Devices ADIS16354 Datasheet HTML 8Page - Analog Devices ADIS16354 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADIS16354
Rev. 0 | Page 5 of 28
TIMING SPECIFICATIONS
TA = 25°C, VCC = 5.0 V, angular rate = 0°/s, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Fast mode, SMPL_PRD ≤ 0x09 (fS ≥ 164 Hz)
0.01
2
MHz
Normal mode, SMPL_PRD ≥ 0x0A (fS ≤ 149 Hz)
10
300
kHz
tDATARATE
Data rate time, fast mode, SMPL_PRD ≤ 0x09 (fS ≥ 164 Hz)
40
μs
Data rate time, normal mode, SMPL_PRD ≥ 0x0A (fS ≤ 149 Hz)
160
μs
tDATASTALL
Data stall time, fast mode, SMPL_PRD ≤ 0x09 (fS ≥ 164 Hz)
9
μs
Data stall time, normal mode, SMPL_PRD ≥ 0x0A (fS ≤ 149 Hz)
75
μs
tCS
Chip select to clock edge
48.8
ns
tDAV
Data output valid after SCLK falling edge2
100
ns
tDSU
Data input setup time before SCLK rising edge
24.4
ns
tDHD
Data input hold time after SCLK rising edge
48.8
ns
tDF
Data output fall time
5
12.5
ns
tDR
Data output rise time
5
12.5
ns
tSFS
CS high after SCLK edge3
5
ns
1 Guaranteed by design, not production tested.
2 The MSB presents an exception to this parameter. The MSB clocks out on the falling edge of CS. The rest of the DOUT bits are clocked after the falling edge of SCLK and
are governed by this specification.
3 This parameter may need to be expanded to allow for proper capture of the LSB. After CS goes high, the DOUT line goes into a high impedance state.
TIMING DIAGRAMS
CS
SCLK
tDATARATE
tDATASTALL
Figure 2. SPI Chip Select Timing
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
W/R
A5
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tDHD
tDSU
Figure 3. SPI Timing, Utilizing SPI Settings Typically Identified as Phase = 1, Polarity = 1


Similar Part No. - ADIS16354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16354AMLZ AD-ADIS16354AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16355 AD-ADIS16355 Datasheet
385Kb / 28P
   Tri-Axis Inertial Sensor
Rev. PrG
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
   Dual-Axis SPI Inertial Sensor
MMA685X FREESCALE-MMA685X Datasheet
1Mb / 52P
   Single-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
TDK Electronics
ICM-20789 TDK-ICM-20789 Datasheet
1Mb / 65P
   7-Axis, High Performance Integrated 6-Axis Inertial and Barometric Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com