Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1420 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM1420
Description  Quad Isolated Precision Gate Driver, 0.1 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1420 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM1420 Datasheet HTML 2Page - Analog Devices ADUM1420 Datasheet HTML 3Page - Analog Devices ADUM1420 Datasheet HTML 4Page - Analog Devices ADUM1420 Datasheet HTML 5Page - Analog Devices ADUM1420 Datasheet HTML 6Page - Analog Devices ADUM1420 Datasheet HTML 7Page - Analog Devices ADUM1420 Datasheet HTML 8Page - Analog Devices ADUM1420 Datasheet HTML 9Page - Analog Devices ADUM1420 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADuM1420
Rev. A | Page 6 of 12
Table 7. Truth Table (Positive Logic)
VIA Input
VIB Input
VIC Input
VID Input
ED DISABLE
VOA Output
VOB Output
VOC Output
VOD Output
VDD1 State1
L
L
L
L
L
L
L
L
L
Powered
L
L
L
H
L
L
L
L
H
Powered
L
L
H
L
L
L
L
H
L
Powered
L
L
H
H
L
L
L
L
L
Powered
L
H
L
L
L
L
H
L
L
Powered
L
H
L
H
L
L
L
L
L
Powered
L
H
H
L
L
L
H
H
L
Powered
L
H
H
H
L
L
L
L
L
Powered
H
L
L
L
L
H
L
L
L
Powered
H
L
L
H
L
H
L
L
H
Powered
H
L
H
L
L
L
L
L
L
Powered
H
L
H
H
L
L
L
L
L
Powered
H
H
L
L
L
L
L
L
L
Powered
H
H
L
H
L
L
L
L
L
Powered
H
H
H
L
L
L
L
L
L
Powered
H
H
H
H
L
L
L
L
L
Powered
L
L
L
L
NC or H
L
L
L
L
Powered
L
L
L
H
NC or H
L
L
L
H
Powered
L
L
H
L
NC or H
L
L
H
L
Powered
L
L
H
H
NC or H
L
L
H
H
Powered
L
H
L
L
NC or H
L
H
L
L
Powered
L
H
L
H
NC or H
L
H
L
H
Powered
L
H
H
L
NC or H
L
H
H
L
Powered
L
H
H
H
NC or H
L
H
H
H
Powered
H
L
L
L
NC or H
H
L
L
L
Powered
H
L
L
H
NC or H
H
L
L
H
Powered
H
L
H
L
NC or H
H
L
H
L
Powered
H
L
H
H
NC or H
H
L
H
H
Powered
H
H
L
L
NC or H
H
H
L
L
Powered
H
H
L
H
NC or H
H
H
L
H
Powered
H
H
H
L
NC or H
H
H
H
L
Powered
H
H
H
H
NC or H
H
H
H
H
Powered
X
X
X
X
X
L
L
L
L
Unpowered2
1 Powered refers to the situation in which VDD1 is within the recommended operating conditions. Unpowered refers to the situation in which VDD1 ≤ 2.0 V. Operation
outside the recommended operating conditions is not recommended. See the Power-Up/Power-Down Considerations section for more information.
2 Output returns to input state within 1 μs of VDD1 power restoration.


Similar Part No. - ADUM1420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM142D AD-ADUM142D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D AD-ADUM142D Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
ADUM142D0BRWZ AD-ADUM142D0BRWZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRWZ-RL AD-ADUM142D0BRWZ-RL Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRZ AD-ADUM142D0BRZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results

Similar Description - ADUM1420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
   Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com