Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W40S11-02X Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # W40S11-02X
Description  SDRAM Buffer - 2 DIMM (Mobile)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W40S11-02X Datasheet(HTML) 8 Page - SpectraLinear Inc

  W40S11-02X Datasheet HTML 1Page - SpectraLinear Inc W40S11-02X Datasheet HTML 2Page - SpectraLinear Inc W40S11-02X Datasheet HTML 3Page - SpectraLinear Inc W40S11-02X Datasheet HTML 4Page - SpectraLinear Inc W40S11-02X Datasheet HTML 5Page - SpectraLinear Inc W40S11-02X Datasheet HTML 6Page - SpectraLinear Inc W40S11-02X Datasheet HTML 7Page - SpectraLinear Inc W40S11-02X Datasheet HTML 8Page - SpectraLinear Inc W40S11-02X Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
W40S11-02
Rev 1.0, Dec. 01, 2006
Page 8 of 9
Layout Example
FB
+3.3V Supply
C4
10 F
.005 F
G
G
VDDQ3
C3
28
27
26
25
24
23
22
21
20
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
G
V
17
16
15
G = VIA to GND plane layer
V = VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
Ceramic Caps C3 = 10–22 µF
C4 = 0.005 µF
FB = Dale ILB1206 - 300 (300
@ 100 MHz)
All VDDs have –1 mF low ESR bypass at pin to ground
G
V
G
V
G
V
G
V
G
V
G
V
All bypass caps = 0.1 F ceramic


Similar Part No. - W40S11-02X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
More results

Similar Description - W40S11-02X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
   SDRAM Buffer - 2 DIMM (Mobile)
logo
Winbond
W83L177R WINBOND-W83L177R Datasheet
108Kb / 9P
   100MHZ 2-DIMM SDRAM BUFFER FOR NOTEBOOK
logo
Cypress Semiconductor
W40S01-04 CYPRESS-W40S01-04 Datasheet
134Kb / 10P
   SDRAM Buffer - 4 DIMM
logo
Winbond
W83178S WINBOND-W83178S Datasheet
129Kb / 7P
   100 MHZ 3-DIMM SDRAM BUFFER
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
KBE00S003M SAMSUNG-KBE00S003M Datasheet
1Mb / 86P
   1Gb NAND*2 256Mb Mobile SDRAM*2
DS_M390S2858CT1 SAMSUNG-DS_M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
logo
Integrated Circuit Syst...
ICS93712 ICST-ICS93712 Datasheet
388Kb / 6P
   2 DIMM DDR Fanout Buffer
logo
PhaseLink Corporation
PLL103-07 PLL-PLL103-07 Datasheet
144Kb / 7P
   2 DIMM DDR Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com