Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7520NK Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7520NK
Description  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7520NK Datasheet(HTML) 3 Page - Analog Devices

  ADV7520NK Datasheet HTML 1Page - Analog Devices ADV7520NK Datasheet HTML 2Page - Analog Devices ADV7520NK Datasheet HTML 3Page - Analog Devices ADV7520NK Datasheet HTML 4Page - Analog Devices ADV7520NK Datasheet HTML 5Page - Analog Devices ADV7520NK Datasheet HTML 6Page - Analog Devices ADV7520NK Datasheet HTML 7Page - Analog Devices ADV7520NK Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADV7520NK
Rev. 0 | Page 3 of 8
SPECIFICATIONS
Table 1.
Parameter
Conditions
Temp
Test Level1
Min
Typ
Max
Unit
DIGITAL INPUTS
Input Voltage, High (VIH)
Full
VI
1.4
3.5
V
Input Voltage, Low (VIL)
Full
VI
−0.3
+0.7
V
Input Capacitance
25°C
VIII
1.5
pF
THERMAL CHARACTERISTICS
Thermal Resistance
Junction-to-Case BGA (θJC)
V
15.2
°C/W
Junction-to-Ambient (θJA)
V
59
°C/W
Ambient Temperature
Full
V
−25
+25
+90
°C
DC SPECIFICATIONS
Input Leakage Current (IIL)
Full
VI
−1
+1
μA
AC SPECIFICATIONS
CLK Frequency
Full
IV
13.5
80
MHz
TMDS Output CLK Duty Cycle
Full
IV
48
52
%
Input Data Setup Time
Full
IV
1
ns
Input Data Hold Time
Full
IV
0.7
ns
TMDS Differential Swing
VI
900
1000
1100
mV
VSYNC and HSYNC Delay from DE Falling Edge
IV
1
UI2
VSYNC and HSYNC Delay to DE Rising Edge
IV
1
UI2
Differential Output Swing
Low-to-High Transition Time
25°C
VII
75
175
ps
High-to-Low Transition Time
25°C
VII
75
175
ps
AUDIO AC TIMING
Sample Rate
I2S and S/PDIF
Full
IV
32
192
kHz
I2S Setup Time
25°C
IV
2
ns
I2S Hold Time
25°C
IV
2
ns
1 See the Explanation of Test Levels section.
2 UI = unit interval.


Similar Part No. - ADV7520NK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NKBBCZ-80 AD-ADV7520NKBBCZ-80 Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NKBBCZRL-80 AD-ADV7520NKBBCZRL-80 Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NKBCPZ-801 AD-ADV7520NKBCPZ-801 Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
More results

Similar Description - ADV7520NK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7520 AD-ADV7520 Datasheet
152Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
   High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
logo
Shenzhen Guan Hua Wei Y...
WSF12N10G WIINSOK-WSF12N10G Datasheet
934Kb / 5P
   Consumer electronic power supply Motor control
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com