Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL34340INZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL34340INZ
Description  WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34340INZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL34340INZ Datasheet HTML 1Page - Intersil Corporation ISL34340INZ Datasheet HTML 2Page - Intersil Corporation ISL34340INZ Datasheet HTML 3Page - Intersil Corporation ISL34340INZ Datasheet HTML 4Page - Intersil Corporation ISL34340INZ Datasheet HTML 5Page - Intersil Corporation ISL34340INZ Datasheet HTML 6Page - Intersil Corporation ISL34340INZ Datasheet HTML 7Page - Intersil Corporation ISL34340INZ Datasheet HTML 8Page - Intersil Corporation ISL34340INZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN6255.0
March 7, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage
VDD_P to GND_P, VDD_TX to GND_TX,
VDD_IO to GND_IO . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.6V
VDD_CDR to GND_CDR, VDD_CR to GND_CR . . -0.5V to 2.5V
Between any pair of GND_P, GND_TX,
GND_IO, GND_CDR, GND_CR . . . . . . . . . . . . . . . -0.1V to 0.1V
3.3V Tolerant LVTTL/LVCMOS Input Voltage . . . . . . . -0.5V to 4.6V
Differential Input Voltage . . . . . . . . . . . . . . .-0.3V to VDD_IO + 0.3V
Differential Output Current . . . . . . . . . . . . . . Short Circuit Protected
LVTTL/LVCMOS Outputs . . . . . . . . . . . . . . . . Short Circuit Protected
ESD Rating
Human Body Model
All pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
SERIOP/N (all VDD connected, all GND connected) . . . . . . . 8kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Thermal Resistance (Typical, Notes 1, 2)
θJA
θJC (°C/W)
EPTQFP. . . . . . . . . . . . . . . . . . . . . . . .
33
4.5
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . 327mW
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V, VDD_TX = VDD_P =
VDD_AN = 3.3V, TA = +25°C, Ref_Res = 3.16kΩ, High-speed AC-coupling capacitor = 27nF.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY VOLTAGE
VDD_CDR, VDD_CR
1.7
1.8
1.9
V
VDD_TX, VDD_P, VDD_AN, VDD_IO
3.0
3.3
3.6
V
SERIALIZER POWER SUPPLY CURRENTS
Analog TX Supply Current
IDDTX
VIDEO_TX = 1
PCLK_IN = 40MHz
17
mA
Analog CDR Supply Current
IDDCDR
57
mA
Digital I/O Supply Current
IDDIO
12
mA
Digital Supply Current
IDDCR
20
mA
PLL/VCO Supply Current
IDDP
17
mA
Analog Bias Supply Current
IDDAN
5.5
mA
Total 1.8V Supply Current
77
90
mA
Total 3.3V Supply Current
40
46
mA
DESERIALIZER POWER SUPPLY CURRENTS
Analog TX Supply Current
IDDTX
VIDEO_TX = 0
REF_CLK = 40MHz
24
mA
Analog CDR Supply Current
IDDCDR
45
mA
Digital I/O Supply Current
IDDIO
17
25
mA
Digital Supply Current
IDDCR
32
mA
PLL/VCO Supply Current
IDDP
17
mA
Analog BIAS Supply Current
IDDAN
5.4
mA
Total 1.8V Supply Current
77
90
mA
Total 3.3V Supply Current
64
80
mA
ISL34340


Similar Part No. - ISL34340INZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL34340INZ INTERSIL-ISL34340INZ Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Renesas Technology Corp
ISL34340INZ RENESAS-ISL34340INZ Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results

Similar Description - ISL34340INZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com