Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10040220P Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part # S10040220P
Description  GaAs Push Pull Hybrid 40 - 1000MHz 22dB min. Gain @ 1000MHz 270mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

S10040220P Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

  S10040220P Datasheet HTML 1Page - PREMIER DEVICES, INC. S10040220P Datasheet HTML 2Page - PREMIER DEVICES, INC. S10040220P Datasheet HTML 3Page - PREMIER DEVICES, INC. S10040220P Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
S10040220P
GaAs Push Pull, 40 – 1000MHz, 22dB min. Gain @ 1000MHz, 270mA max. @ 24VDC
CHARACTERISTICS
Table 2: Distortion data 40 – 870 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CTB
132 ch. flat; Vo = 40 dBmV
1)
-
- 66
- 64
dBc
XMOD
132 ch. flat; Vo = 40 dBmV
1)
-
- 59
- 57
dBc
CSO
132 ch. flat; Vo = 40 dBmV
1)
-
- 66
- 64
dBc
Notes:
1) 132 channels, NTSC frequency raster: 55.25 MHz to 865.25 MHz, +40 dBmV flat output level.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.
Page 2 of 4
2005 April 06
Document Revision Level A


Similar Part No. - S10040220P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S10040220P RFMD-S10040220P Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040220P QORVO-S10040220P Datasheet
345Kb / 4P
   CATV Push Pull Hybrid 1000MHz 22dB
logo
RF Micro Devices
S10040220P12 RFMD-S10040220P12 Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 1000MHz
More results

Similar Description - S10040220P

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S10040280GT PDI-S10040280GT Datasheet
88Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 28.0dB min. Gain @ 1000MHz 260mA max. @ 24VDC
S10040240P PDI-S10040240P Datasheet
155Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 24.0dB min. Gain @ 1000MHz 255mA max. @ 24VDC
S10040200P PDI-S10040200P Datasheet
160Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 20dB min. Gain @ 1000MHz 260mA max. @ 24VDC
S8740220P PDI-S8740220P Datasheet
127Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 22dB min. Gain @ 870MHz 270mA max. @ 24VDC
S10040230GT PDI-S10040230GT Datasheet
87Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 23.5dB min. Gain @ 1GHz 250mA max. @ 24VDC
S10040220GT PDI-S10040220GT Datasheet
65Kb / 4P
   GaAs Push Pull Hybrid 40 - 1000MHz 23.0dB min. Gain @ 1GHz 240mA max. @ 24VDC
logo
Qorvo, Inc
S10040220P QORVO-S10040220P Datasheet
345Kb / 4P
   CATV Push Pull Hybrid 1000MHz 22dB
logo
PREMIER DEVICES, INC.
D10040270GTH PDI-D10040270GTH Datasheet
134Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
D10040270GT PDI-D10040270GT Datasheet
134Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 27.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
D10040200GT PDI-D10040200GT Datasheet
126Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com