Electronic Components Datasheet Search |
|
R4000F Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
R4000F Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 2 page FEATURES Low cos t Low leakage Low forward voltage drop High current capability MECHANICAL DATA Case:JEDEC DO--15,m olded plastic Term inals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.014 ounces ,0.39 gram s Mounting pos ition: Any Ratings at 25 am bient tem perature unles s otherwise specified. Single phase,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%. UNITS Maximum recurrent peak reverse voltage VRRM V Maximum RMS voltage VRMS V Maximum DC blocking voltage VDC V Maximum average f orw ard rectif ied current 9.5mm lead length, @T A=75 Peak f orw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @T J=125 Maximum instantaneous f orw ard voltage @ 0.2A VF V Maximum reverse current @T A=25 at rated DC blocking voltage @T A=100 Maximum reverse recovery time (Note1) trr ns Typical junction capacitance (Note2) CJ pF Operating junction temperature range TJ Storage temperature range TSTG GALAXY ELECTRICAL - 55 ---- + 150 NOTE: 1. Measured with I F=0.5A, I R=1A, Irr=0. 25A. 100.0 - 55 ---- + 150 The plas tic m aterial carries U/L recognition 94V-0 R2500F R3000F R2500F---R5000F A 5.0 Easily cleaned with alcohol,Isopropanol and sim ilar s olvents IF(AV) 0.2 2500 3000 4000 5000 A HIGH VOLTAGE RECT IFIER VOLTAGE RANGE: 2500 --- 5000 V CURRENT: 0.2 A DO - 15 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS A 30.0 IFSM IR 500 15 2. Measured at 1.0MH Z and applied rev ers e v olt age of 4. 0V D C . 4.0 5.0 2500 1750 3000 2100 6.5 R4000F R5000F 4000 2800 5000 3500 www.galaxycn.com BLGALAXY ELECTRICAL BL Document Number 0263004 1. |
Similar Part No. - R4000F |
|
Similar Description - R4000F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |