Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2309NZSI-1HT Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # SL2309NZSI-1HT
Description  Low Jitter and Skew DC to 220MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309NZSI-1HT Datasheet(HTML) 2 Page - SpectraLinear Inc

  SL2309NZSI-1HT Datasheet HTML 1Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 2Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev 1.1, May 18, 2007
Page 2 of 11
SL23EP09NZ
Pin Configuration
16-Pin SOIC/TSSOP
Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
BUF_IN
Input
Input Reference Clock
2
OUTPUT1
Output
Buffered Clock Output-1
3
OUTPUT2
Output
Buffered Clock Output-2
4
VDD
Power
3.3V +/-10% Power Supply
5
GND
Power
Power Ground
6
OUTPUT3
Output
Buffered Clock Output-3
7
OUTPUT4
Output
Buffered Clock Output-4
8
VDD
Power
3.3V and 2.5V +/-10% Power Supply
9
GND
Power
Power Ground
10
OUTPUT5
Output
Buffered Clock Output-5
11
OUTPUT6
Output
Buffered Clock Output-6
12
GND
Power
Power Ground
13
VDD
Power
3.3V and 2.5V +/-10% Power Supply
14
OUTPUT7
Output
Buffered Clock Output-7
15
OUTPUT8
Output
Buffered Clock Output-8
16
OUTPUT9
Output
Buffered Clock Output-9


Similar Part No. - SL2309NZSI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2309NZSI-1HT SPECTRALINEAR-SL2309NZSI-1HT Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
More results

Similar Description - SL2309NZSI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com