Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2304NZZI-1T Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # SL2304NZZI-1T
Description  Low Jitter and Skew DC to 160MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2304NZZI-1T Datasheet(HTML) 1 Page - SpectraLinear Inc

  SL2304NZZI-1T Datasheet HTML 1Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 2Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 3Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 4Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 5Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 6Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 7Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 8Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 1.3, May 16, 2007
Page 1 of 9
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL2304NZ
Key Features
DC to 160 MHz operating frequency range
Low output clock skew: 50ps-typ
Low part-to-part output skew: 90 ps-typ
3.3V +/-10% operation supply voltage
Low power dissipation:
- 7 mA-typ at 33MHz
- 8 mA-typ at 66MHz
- 12 mA-typ at 133MHz
One input to four output fanout buffer drivers
Output Enable (OE) control function
Available in 8-pin TSSOP package
Available in Commercial and Industrial grades
Available in Lead (Pb) free package
Applications
General Purpose PCI/PCI-X Clock Buffer
Printers, MFPs and Digital Copiers
PCs and Work Stations
Routers, Switchers and Servers
Datacom and Telecom
High-Speed Digital Embeded Systems
Description
The SL2304NZ is a low skew, jitter and power fanout
Buffer designed to produce up to four (4) clock outputs
from one (1) reference input clock, for high speed clock
distribution, including PCI/PCI-X applications.
The SL2304NZ products operate from DC to 160MHz.
The only difference between SL2304NZ-1 and SL2304NZ-
1Z is the OE logic implementation. Refer to the Available
OE Logic Configuration Table. 1
Refer to SL23EP04NZ products for DC to 220MHz-max
frequency range, 2.5V to 3.3V power supply operation,
improved skew, jitter and higher drive options.
Benefits
Up to four (4) distribution of input clock
Low skew
Low Jitter
Low power dissipation
Block Diagram
Low Jitter and Skew DC to 160MHz Clock Buffer
P
Prreelliim
miin
na
arry
y


Similar Part No. - SL2304NZZI-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2304NZZI-1T SILABS-SL2304NZZI-1T Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
More results

Similar Description - SL2304NZZI-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com