Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2305ZI-1T Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # SL2305ZI-1T
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2305ZI-1T Datasheet(HTML) 1 Page - SpectraLinear Inc

  SL2305ZI-1T Datasheet HTML 1Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 2Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 3Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 4Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 5Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 6Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 7Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 8Page - SpectraLinear Inc SL2305ZI-1T Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1.4, May 25, 2007
Page 1 of 11
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL2305
Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Key Features
10 to 140 MHz operating frequency range
Low output clock jitter:
45 ps-typ cycle-to-cycle jitter
Low output-to-output skew: 50 ps-typ
Low product-to-product skew: 125 ps-typ
3.3 V power supply range
Low power dissipation:
26 mA-max at 66 MHz
42 mA-max at 140 MHz
One input drives 5 outputs organized as 4+1
SpreadThru™ PLL that allows use of SSCG
Standard and High-Drive options
Available in 8-pin SOIC and TSSOP packages
Available in Commercial and Industrial grades
Applications
Printers and MFPs
Digital Copiers
PCs and Work Stations
DTV
Routers, Switchers and Servers
Digital Embeded Systems
Description
The SL2305 is a low skew, low jitter and low power Zero
Delay Buffer (ZDB) designed to produce up to five (5) clock
outputs from one (1) reference input clock for high speed
clock distribution applications. The product has an on-chip
PLL which locks to the input clock at CLKIN and receives its
feedback internally from the CLKOUT pin.
The SL2305 is available with two (2) drive strength versions.
The -1 is the standard-drive version and -1H is the high-
drive version.
The SL2305 high-drive version operates up to 140MHz and
the standard drive version -1 operates up to 100.
The SL2305 enter into Power-Down (PD) mode if the input
at CLKIN is DC (0 to VDD). In this power-down state all five
(5) outputs are tri-stated and the PLL is turned off leading to
less than 12 A-max of power supply current draw.
Benefits
Up to five (5) distribution of input clock
Standard and High-Dirive levels to control impedance
level, frequency range and EMI
Low jitter and skew
Low power dissipation
Low cost
Block Diagram


Similar Part No. - SL2305ZI-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2305ZI-1T SILABS-SL2305ZI-1T Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results

Similar Description - SL2305ZI-1T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com