Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL15101ZI-XXX Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # SL15101ZI-XXX
Description  Programmable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15101ZI-XXX Datasheet(HTML) 1 Page - SpectraLinear Inc

  SL15101ZI-XXX Datasheet HTML 1Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 2Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 3Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 4Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 5Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 6Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 7Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 8Page - SpectraLinear Inc SL15101ZI-XXX Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev 1.8, August 10, 2007
Page 1 of 16
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL15101
Programmable Spread Spectrum Clock Generator (SSCG)
Key Features
Low power dissipation
- 7.9mA-typ at 66MHz and VDD=3.3V
- 7.0mA-typ at 66MHz and VDD=2.5V
Wide 2.5V to 3.3V +/-10% power supply range
Programmable 4 outputs from 3 to 200MHz
Low Jitter
- 110ps at 66MHz
Programmable Center or Down Spread Modulation
from 0.25 to 5.0%
8 to 48 MHz external crystal range
8 to 166 MHz external clock range
Integrated internal voltage regulator
Programmable PD#/OE/SSON#/FS functions
Programmable CL at XIN and XOUT pins
Programmable output rise and fall times
Programmable modulation frequency from 30 to
120 kHz
Applications
Printers, MFPs
Digital Copiers
NBPCs and LCD Monitors
Routers, Servers and Switchers
HDTV and DVD-R/W
Description
The SL15101 a programmable low power Spread
Spectrum Clock Generator (SSCG) used for reducing
Electromagnetic Interference (EMI). The product is
designed using SpectraLinear proprietary programmable
EProClock™ phase-locked loop (PLL) and Spread
Spectrum Clock (SSC) technology to synthesize and
modulate the input clock. The modulated clock can
significantly reduce the measured EMI levels, and leading
to the compliance with regulatory agency requirements.
Up to 4 output clock frequencies, Spread %, output rise
and fall times, crystal load, modulation frequency and
PD#/OE/SSON#/FS functions can be programmed to meet
the needs of wide range of applications. The SL15101
operates from 2.5V to 3.3V power supply voltage range.
The product is offered in 8-pin TSSOP package with
commercial and industrial grades.
Refer to SL15L101 Programmable SSCG product for 1.8V
power supply operation.
Benefits
Peak EMI reduction of 8 to 16 dB
Fast time-to-market
Cost Reduction
Reduction of PCB layers
Eleminates the need for higher order crystals (Xtals)
and crystal oscillators (XOs)
Block Diagram


Similar Part No. - SL15101ZI-XXX

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Microdiode Electronics ...
SL15100 CHENDA-SL15100 Datasheet
2Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL15100 LEIDITECH-SL15100 Datasheet
2Mb / 3P
   15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
AMETHERM Circuit Protec...
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1510005-A AMETHERM-SL1510005-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
More results

Similar Description - SL15101ZI-XXX

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com