Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL4Z Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RL4Z
Description  SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RL4Z Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RL4Z Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RL4Z Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
and s im ilar s olvents
MECHANICAL DATA
Cas e: JEDEC DO-27, m olded plas tic
MIL-STD-202, Method 208
Mounting: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60Hz,res is tive or inductive load. For capacitive load,derate by 20% .
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A =75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 3.5A
VF
V
Maximum reverse current
@T
A =25
at rated DC blocking voltage
@T
A =100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Therm al res is tanc e f rom junc t ion t o am bient.
GALAXY ELECTRICAL
500.0
The plas tic m aterial carries U/L recognition 94V-0
Term inals : Axial leads ,s olderable per
RL4Z
200
140
RL4Z(Z)
- 55 ----- + 150
N OTE: 1.Meas ured with I
F=0.5A, I R=1A, I rr=0. 25A.
2. Meas ured at 1. 0MH
Z and applied rev ers e v olt age of 4. 0V D C .
Eas ily cleaned with freon,alcohol, ls opropanol
Polarity: C olor band denotes cathode
Weight: 0.041 ounces , 1.15 gram s
IR
35
- 55 ----- + 150
SUPER FAST RECT IFIERS
VOLT AGE RANGE: 200 V
CURRENT : 3.5 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 27
Low forward voltage drop
High current capability
IF(AV)
IFSM
UNITS
8
200
0.95
A
3.5
80.0
A
A
150.0
95
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0264023
1.


Similar Part No. - RL4Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RL4Z SANKEN-RL4Z Datasheet
22Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RL4Z SANKEN-RL4Z Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
logo
Shenzhen Luguang Electr...
RL4Z LUGUANG-RL4Z Datasheet
290Kb / 2P
   Super Fast Rectifier
logo
Diode Semiconductor Kor...
RL4Z DSK-RL4Z Datasheet
288Kb / 2P
   SUPER FAST RECTIFIER
RL4ZZ DSK-RL4ZZ Datasheet
288Kb / 2P
   SUPER FAST RECTIFIER
More results

Similar Description - RL4Z

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com