Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4969 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4969 Datasheet HTML 3Page - STMicroelectronics L4969 Datasheet HTML 4Page - STMicroelectronics L4969 Datasheet HTML 5Page - STMicroelectronics L4969 Datasheet HTML 6Page - STMicroelectronics L4969 Datasheet HTML 7Page - STMicroelectronics L4969 Datasheet HTML 8Page - STMicroelectronics L4969 Datasheet HTML 9Page - STMicroelectronics L4969 Datasheet HTML 10Page - STMicroelectronics L4969 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7/35
L4969
VSCLKH
High level input voltage
V1 - 0.9
V1
V
VTXL
Low level input voltage
0
0.9
V
VTXH
High level input voltage
V1 - 0.9
V1
V
VWakeL
Low level input voltage
0
0.9
V
VWakeH
High level input voltage
4.1
5.0
V
VSoutH
High level output voltage
V1 - 0.9
V1
V
VSoutL
Low level output voltage
0
0.9
V
VRXDH
High level output voltage
V1 - 0.9
V1
V
VRXDL
Low level output voltage
0
0.9
V
IohRXD
High level output current
RXD = 0
-1.2
-1.8
-2.5
mA
IolRXD
Low level output current
RXD = 5V
1.1
1.6
2.2
mA
IohSOUT
High level output current
SOUT = 0
-9.0
-14.0
-18.0
mA
IolSOUT
Low level output current
SOUT = 5V
18.0
24,0
30.0
mA
IohINT
High level output current
INT = 0
-10.0
-15.0
-20.0
mA
IolINT
Low level output current
INT = 5V
18,0
24,0
30,0
mA
IohReset
High level output current
RESET = 0
-6,0
-15,0
-25.0
µA
IolReset
Low level output current
RESET = 5V
5.0
6.5
8.0
mA
IohWake
High level output current
VWake = 5V
0
0
0.5
µA
IolWake
Low level output current
VWake = 0V
-2.2
-3.4
-4.5
µA
Serial Data Interface
tStart
SIN low to SCLK low setup
time
(frame start)
100
ns
tSetup
SIN to SCLK setup time
(write)
100
ns
tHold
SIN to SCLK hold time
(write)
100
ns
tD
SCLK to SOUT delay time
(read)
500
ns
tCKmax
SCLK maximum cycle time
(timeout)
1
1.5
3.0
ms
tGAP
Interframe Gap
5
µs
fSCLK
SCLK frequency range
0.25
0.5
1
MHz
Diagnostic Functions
VSmin
Sense comparator
detection threshold
6.0
7.2
8.0
V
GSCANH
CANH groundshift
detection threshold
-1.5
-1
-0.6
V
CAN Error Detection
NEdgeH
Nr of dom to rec edges on
CANL to detect permanent
rez CANH
Operating mode (EI_V)
3
Edges
NEdgeHR
Nr of dom to rec edges to
detect
recovery of CANH
Operating mode (EI_V)
3
Edges
Table 4. Electrical Characteristics (continued)
VS = 14V, Tj =-40°C to 150°C unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - L4969

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969UR-E STMICROELECTRONICS-L4969UR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969UR-E STMICROELECTRONICS-L4969UR-E Datasheet
1Mb / 22P
   for car body applications
L4969URD-E STMICROELECTRONICS-L4969URD-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969URD-E STMICROELECTRONICS-L4969URD-E Datasheet
1Mb / 22P
   for car body applications
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
More results

Similar Description - L4969

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G_07 Datasheet
471Kb / 26P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.1, Aug. 2007
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com