Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM380 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM380
Description  2.5W Audio Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM380 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM380 Datasheet HTML 1Page - National Semiconductor (TI) LM380 Datasheet HTML 2Page - National Semiconductor (TI) LM380 Datasheet HTML 3Page - National Semiconductor (TI) LM380 Datasheet HTML 4Page - National Semiconductor (TI) LM380 Datasheet HTML 5Page - National Semiconductor (TI) LM380 Datasheet HTML 6Page - National Semiconductor (TI) LM380 Datasheet HTML 7Page - National Semiconductor (TI) LM380 Datasheet HTML 8Page - National Semiconductor (TI) LM380 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Performance Characteristics (Continued)
Device Dissipation vs
Output Power
Supply Decoupling vs
Frequency
00697720
00697721
Typical Applications
Phono Amplifier
00697708
Bridge Amplifier
00697709
www.national.com
6


Similar Part No. - LM380

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM380 NSC-LM380 Datasheet
236Kb / 8P
   Audio Power Amplifier
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
[Old version datasheet]   LM380 2.5W Audio Power Amplifier
logo
National Semiconductor ...
LM380N NSC-LM380N Datasheet
236Kb / 8P
   Audio Power Amplifier
logo
Texas Instruments
LM380N TI1-LM380N Datasheet
536Kb / 13P
[Old version datasheet]   LM380 2.5W Audio Power Amplifier
logo
National Semiconductor ...
LM380N-8 NSC-LM380N-8 Datasheet
236Kb / 8P
   Audio Power Amplifier
More results

Similar Description - LM380

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM380 TI1-LM380 Datasheet
536Kb / 13P
[Old version datasheet]   LM380 2.5W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM4674 NSC-LM4674 Datasheet
844Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
YAMAHA CORPORATION
YDA139 YAMAHA-YDA139 Datasheet
1Mb / 18P
   D- 4 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com