Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3058-000-WP Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMA3058-000-WP
Description  2-20 GHZ BROADBAND MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3058-000-WP Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMA3058-000-WP Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3058-000-WP Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3058-000-WP Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3058-000-WP Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3058-000-WP Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3058-000-WP Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Pilot Datasheet v2.5
FMA3058
TYPICAL PERFORMANCE ON-WAFER OVER TEMPERATURE:
Note: Measurement Conditions ID= 90 mA, VDD= 5 V, Pads B and C open circuit.
TAMBIENT = 25°C
TCOLD = -55°C
THOT = +85°C
Reverse Isolation
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
Gain
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
Input Return Loss
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
Output Return Loss
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
5.00
0
2
4
6
8
1012
1416
1820
Frequency (GHz)
P1dB
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)


Similar Part No. - FMA3058-000-WP

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3051 FILTRONIC-FMA3051 Datasheet
147Kb / 6P
   12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
FMA3051-000 FILTRONIC-FMA3051-000 Datasheet
147Kb / 6P
   12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
More results

Similar Description - FMA3058-000-WP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
NEC
UPC1678 NEC-UPC1678 Datasheet
126Kb / 6P
   2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com