Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3051-000 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMA3051-000
Description  12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3051-000 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA3051-000 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3051-000 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3051-000 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3051-000 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3051-000 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3051-000 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
FMA3051
Pilot Datasheet v2.1
ABSOLUTE MAXIMUM RATINGS:
2
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PAD LAYOUT:
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input
Power
Pin
+20dBm
Drain
Voltage
VDD
+10V
Operating
Temp
Toper
-40°C to
+85°C
Storage
Temp
Tstor
-55°C to
+150°C
PAD
REF
PAD
NAME
DESCRIPTION
A
IN
RF in
B
S1B
GND
C
D1B
Vd1 bias south
D
D2B
Vd2 bias south
E
S2B
GND
F
G2B
Vg2 bias south
G
G3B
Vg3 bias south
H
G4B
Vg4 bias south
I
S3B
GND
J
D3B
B
Vd3 bias south
K
S4B
GND
L
D4B
B
Vd4 bias south
M
OUT
RF out
N
DET
Detected power voltage
O
Q1
Reference voltage for diode
detector
P
S5
GND
Q
D4B
A
Vd4 bias north
R
S4A
GND
S
D3B
A
Vd3 bias north
T
S3A
GND
U
G4A
Vg4 bias north
V
G3A
Vg3 bias north
W
G2A
Vg2 bias north
X
S2A
GND
Y
D2A
Vd2 bias north
Z
D1A
Vd1 bias north
AA
S1A
GND
R
Q
P ON
AA Z Y X W V U
T
S
A
M
B C DE
F GH
I
J K
L
DIE SIZE (
μm)
DIE THICKNESS (
μm)
MIN. BOND PAD PITCH
(
μm)
MIN. BOND PAD OPENING
(
μm x μm )
5100 x 3000
100
150
92 x 92
Website: www.filtronic.com


Similar Part No. - FMA3051-000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
FMA3058-000-WP FILTRONIC-FMA3058-000-WP Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
More results

Similar Description - FMA3051-000

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
   12.5 - 15.5 GHz Power Amplifier MMIC
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
   12.5 - 15.5 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1931D TRANSCOM-TC1931D Datasheet
85Kb / 3P
   12.5 - 15.5 GHz 21dBm MMIC
logo
Excelics Semiconductor,...
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
   12.5 - 16.5 GHz Power Amplifier MMIC
EMP215-P1 EXCELICS-EMP215-P1 Datasheet
94Kb / 2P
   12.5 - 16.5 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1_07 Datasheet
262Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LH5 HITTITE-HMC441LH5 Datasheet
305Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
HMC441LM1 HITTITE-HMC441LM1 Datasheet
318Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7.0 - 15.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com